Electronic Components Datasheet Search
  English  ▼

X  

SW4605C Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4605C
Description  EXTERNAL DESKTOP POWER SUPPLY 24VDC 300WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4605C Datasheet(HTML) 1 Page - TT Electronics.

  SW4605C Datasheet HTML 1Page - TT Electronics. SW4605C Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 24VDC 300WATT
POWERPAX: SW4605C
© TT Electronics plc
ISS.3 22/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 300 Watt AC/DC switch mode power supplies provide 300 Watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW4605C
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
Universal 100
Input Current Rated
3.9A Max.
Inrush Current
120 A Max. / 230 Vac (Cold start at 25°C, full load)
Efficiency
87% Min
Input Power (Output: No Load)
<0.5 W ( At 230Vac & No load)
Output Voltage Rating
24Vdc
Output Current Range
12.5A Max.
Output Min Current
0A
Output Connection Type
Terminal block
Line and Load Regulation
+/-5%
Over Voltage Protection
V out * 150% Max.
Over Load Protection
I out * 150% Max.
Short Circuit Protection
Latch protection
Ripple Voltage
480mV
Hi-Pot
3000Vac 10mA 1 min
Safety Approved
UL,CUL,GS,PSE,BSMI
EMI Standard
FCC Class B, CE
Operating Temperature Range
0°C → +40 °C
Storage Temperature
-20°C → +80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
254(L) x 116(W) x 47(H) mm
Product Weight
1600 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4605C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4600-EU TTELEC-SW4600-EU Datasheet
417Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5.1VDC 12.75WATT
04/11/2019
SW4600-INT TTELEC-SW4600-INT Datasheet
321Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5.1VDC 12.75WATT
25/06/2020
More results

Similar Description - SW4605C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
NHP Electrical Engineer...
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com