Electronic Components Datasheet Search
  English  ▼

X  

SFD3 Datasheet(PDF) 1 Page - Novaris

Part # SFD3
Description  Three Phase Surge Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SFD3 Datasheet(HTML) 1 Page - Novaris

  SFD3 Datasheet HTML 1Page - Novaris SFD3 Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions
Ordering Information
Diagram / Installation
T echnical Infor mation Sheet
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
SFD3 - Three Phase Surge Filters
SFD3 (0024-D24V1)
N
PE
L3
line
load
L2
L1
N
PE
L3
L2
L1
SFD3-...
180
49
69
A
Compact DIN Surge Filter
Novaris DIN mount Surge Filter are suitable for installation in circuits up to 32A.
The SFD range has been engineered to protect sensitive loads.
Compact design
Their compact design makes them an ideal choice for space restricted
applications.
All Mode Protection
Protection is provided for all combinations of lines (L-N, L-E, N-E) ensuring the
maximum level of protection is achieved at all times.
Safe Metal Enclosure
Novaris surge protection products are housed in safe, all metal enclosures.
In the event of a prolonged overvoltage they will not catch fire or explode.
Three stages of protection
Novaris surge filters have 2 stages of varistor protection separated by a low
pass LC filter. This 3 stage combination reduces the effects of high frequency
noise and transients to provide the highest level of protection to sensitive loads.
Low exposure
Medium exposure
Options
Single Phase
Three Phase
Single Phase
Three Phase
SFD Version
SPDT alarm contact Polycarbonate enlosure
Max Load Current
6A
SFD1-6-6.5-275
SFD3-10-50-275-A
SFD1-20-100-275
SFM-Series
–
–
-P
10 A
SFD1-10-50-275
SFD3-10-50-275-A
SFD1-20-100-275
SFM-Series
SFDx-10-50-275-A
Standard
-P
20 A
SFD1-20-50-275
SFD3-20-50-275-A
SFD1-20-100-275
SFM-Series
SFDx-20-50-275-A
Standard
-P
32 A
SFD1-32-50-275
SFD3-32-50-275-A
SFD1-32-100-275
SFM-Series
SFDx-32-50-275-A
Standard
-P


Similar Part No. - SFD3

ManufacturerPart #DatasheetDescription
logo
Novaris
SFD3-10-50-275-A NOVARIS-SFD3-10-50-275-A Datasheet
385Kb / 2P
Compact DIN Surge Filter
SFD3-20-50-275-A NOVARIS-SFD3-20-50-275-A Datasheet
385Kb / 2P
Compact DIN Surge Filter
SFD3-32-50-275-A NOVARIS-SFD3-32-50-275-A Datasheet
385Kb / 2P
Compact DIN Surge Filter
logo
Communications & Power ...
SFD303B CPI-SFD303B Datasheet
345Kb / 1P
Magnetron
logo
List of Unclassifed Man...
SFD3055 ETC1-SFD3055 Datasheet
971Kb / 7P
Logic N-Channel MOSFET
More results

Similar Description - SFD3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3AYO1 MACOM-3AYO1 Datasheet
58Kb / 2P
Lower Current Three Phase RFI Filters
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
HCWMGF PREMO-HCWMGF Datasheet
221Kb / 3P
Three Phase filters for wind mills applications
FVTO-IV PREMO-FVTO-IV Datasheet
219Kb / 2P
Three Phase Neutral Filters, Double Stage
PFT-3Z PREMO-PFT-3Z Datasheet
224Kb / 2P
Three Phase Neutral Filters
logo
Powersem GmbH
PSD150F-12 POWERSEM-PSD150F-12 Datasheet
395Kb / 1P
Three Phase Three Phase
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_1 Datasheet
323Kb / 2P
Lower Current Three Phase RFI Filters
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
Three Phase RFI Line Filters
logo
API Technologies Corp
62-PMB-050-6-12 APITECH-62-PMB-050-6-12 Datasheet
1Mb / 11P
Power Line Filters Three Phase
logo
Kemet Corporation
LF-202U-1 KEMET-LF-202U-1 Datasheet
469Kb / 14P
LF Metal Box Single-Phase & Three-Phase Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com