Electronic Components Datasheet Search
  English  ▼

X  

DF02D026A21 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02D026A21
Description  Input/Output connector, EMI countermeasure, Half-pitch (1.27mm), With EMI Shielding, Straight long, Spring lock, type, For 26 pos., Thick wire compatible, Hood
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02D026A21 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DF02D026A21 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02D026A21 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02D026A21 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Rows
  
PCB Mounting Method
  
Material of Contact
  
Finish of Contact in Connecting
Area
  
Shell, Material/ Finish
  
Material of Insulator
  
PCB Side Connector Style
  
PCB Mounted Height (mm)
  
Operating Temperature Range
(deg. C)
  
Dielectric Withstanding
Voltage (VACr.m.s. Initial)
  
Insulation Resistance
(megaohm min. Initial)
  
Contact Resistance (milliohm
max. Initial)
  
PCB Boardlock Feature
  
Hood Type
EMI Shielded Hood
Lock Type
Lock spring
Applicable Cable
Thick wire compatible
Applicable Product Part
Numbers
DF02P026F22A1,DF02P026G28A1
Use with Accessories
Please consult us
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
241 substances (27/06/2024)
Remarks
  
Notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com