Electronic Components Datasheet Search
  English  ▼

X  

DF02D026B22 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02D026B22
Description  Input/Output connector, EMI countermeasure, Half-pitch (1.27mm), Without EMI Shielding, Straight long, Screw lock, type, For 26 pos., Hood
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02D026B22 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DF02D026B22 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02D026B22 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02D026B22 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Rows
  
PCB Mounting Method
  
Material of Contact
  
Finish of Contact in Connecting
Area
  
Shell, Material/ Finish
  
Material of Insulator
  
PCB Side Connector Style
  
PCB Mounted Height (mm)
  
Operating Temperature Range
(deg. C)
  
Dielectric Withstanding
Voltage (VACr.m.s. Initial)
  
Insulation Resistance
(megaohm min. Initial)
  
Contact Resistance (milliohm
max. Initial)
  
PCB Boardlock Feature
  
Hood Type
Hood without EMI Shielding
Lock Type
Screw lock
Applicable Cable
Standard
Applicable Product Part
Numbers
DF02P026F22A1,DF02P026G28A1
Use with Accessories
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
  
Notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com