Electronic Components Datasheet Search
  English  ▼

X  

K4301 Datasheet(PDF) 3 Page - Velleman Group nv All rights reserved

Part # K4301
Description  PINK NOISE GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VELLEMAN [Velleman Group nv All rights reserved]
Direct Link  https://www.velleman.eu/
Logo VELLEMAN - Velleman Group nv All rights reserved

K4301 Datasheet(HTML) 3 Page - Velleman Group nv All rights reserved

  K4301 Datasheet HTML 1Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 2Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 3Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 4Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 5Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 6Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 7Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 8Page - Velleman Group nv All rights reserved K4301 Datasheet HTML 9Page - Velleman Group nv All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Features:

Random digital noise.

33 bit shift register.

Clock frequency adjustable between 30KHz and 100KHz.

Pink noise filter: -3 dB per octave (20 .. 20000Hz.).

Easily adaptable to produce "white noise".
Specifications:

Output voltage: 150mV RMS./ clock frequency 40KHz.

Output impedance: 1K ohm.

Power supply: 9 to 12VAC, or 12 to 15VDC / 5mA.
Features & Specifications
To analyse the acoustic properties of a room (usually a living- room), a good pink noise generator together
with a spectrum analyser is indispensable. Moreover you need a microphone with as linear a frequency
characteristic as possible (from 20 to 20000Hz.). If, in addition, you dispose of an equaliser, then you can not
only check but also correct reproduction.
H4301IP'1_rev2.pub
page 3
Thursday, July 12, 2012 10:18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com