Electronic Components Datasheet Search
  English  ▼

X  

619-310 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # 619-310
Description  Screwless Terminal Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

619-310 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  619-310 Datasheet HTML 1Page - BlockMaster Electronics, Inc. 619-310 Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BlockMaster Electronics, Inc.
(800)595-8881 www.blockmaster.com
29
Screwless Terminal Blocks
645-1 Series
3.5mm
Ordering Information
Dimensions
n=number of poles
L=(n-1) x 3.5
2A 300V
Electrical
Current
:
2A @ 300V
Wire range:
16 to 20 AWG
Wire section(mm2): 0.5 to .75mm2
IR:
>5M
Ω (500V DC)
Operating temp:
-40oC to +120oC
Stripping length:
8mm min.
Torque:
3.5 in-lb
PCB holes:
min 1.1mm
PCB thickness:
max 2.4mm
Materials
Housing:
Polyamide 6,6 (UL94V-0)
Contact Spring:
Stainless Steel
Terminal Pins:
Brass-nickel plated
Colors available:
Gray (standard), for others
contact factory
Features:
*Standard 3.5 mm Spacing
*Angled wire insertion
*Available with or without push button
*Compact design
*No exposed metal parts
Specifications:645-1 Series
NEW
End Cap


Similar Part No. - 619-310

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
619 ZETEX-619 Datasheet
1Mb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Adafruit Industries
619 ADAFRUIT-619 Datasheet
521Kb / 3P
SMT RGB 5050 LED - 10 pack
logo
Walther-Werke
619 WALTHER-619 Datasheet
958Kb / 2P
Sockets IP 44
logo
Wurth Elektronik GmbH &...
61900113722 WURTH-61900113722 Datasheet
805Kb / 2P
2.54 MM FEMALE CRIMP TERMINAL
61900113722 WURTH-61900113722 Datasheet
426Kb / 2P
2.54 MM PRE-CRIMPED CONTACT
B 19-DEC-12
More results

Similar Description - 619-310

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com