Electronic Components Datasheet Search
  English  ▼

X  

P2000D Datasheet(PDF) 1 Page - Semikron International

Part # P2000D
Description  Standard silicon rectifier diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

P2000D Datasheet(HTML) 1 Page - Semikron International

  P2000D Datasheet HTML 1Page - Semikron International P2000D Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Standard silicon rectifier
diodes
P 2000 A ... P 2000 M
Forward Current: 20 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
P 2000 A ... P 2000 M
1
09-03-2007 MAM
© by SEMIKRON


Similar Part No. - P2000D

ManufacturerPart #DatasheetDescription
logo
Semikron International
P2000D SEMIKRON-P2000D Datasheet
453Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
P2000D DIOTEC-P2000D Datasheet
97Kb / 2P
Silicon Rectifier Diodes
P2000D DIOTEC-P2000D Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
logo
Infineon Technologies A...
P2000DL45X168 INFINEON-P2000DL45X168 Datasheet
893Kb / 12P
Druckkontaktierter IGBT Press Pack IGBT
Revision:3.0 2021-09-21
P2000DL45X168HPSA1 INFINEON-P2000DL45X168HPSA1 Datasheet
893Kb / 12P
Druckkontaktierter IGBT Press Pack IGBT
Revision:3.0 2021-09-21
More results

Similar Description - P2000D

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
Standard silicon rectifier diodes
BY133 SEMIKRON-BY133 Datasheet
131Kb / 2P
Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
Standard silicon rectifier diodes
P1000A SEMIKRON-P1000A Datasheet
143Kb / 2P
Standard silicon rectifier diodes
GL1A SEMIKRON-GL1A Datasheet
116Kb / 2P
Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
Standard silicon rectifier diodes
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
Standard silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com