Electronic Components Datasheet Search
  English  ▼

X  

LGL Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGL Datasheet(HTML) 1 Page - Nichicon corporation

  LGL Datasheet HTML 1Page - Nichicon corporation LGL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Snap-in Terminal Type, 105°C Ultra-Smaller-Sized
LGL
One rank smaller case sized than LGG.
Suited for equipment down sizing.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Smaller
Smaller
LGL
LGG
LGM
Specifications
Drawing
Type numbering system (Example : 400V 150µF)
L
1
G
2
L
3
2
4
G
5
1
6
5
7
1
8
M
9 10
E
13
L
11
14
Z
12
2 5
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
10
0.1
2-2φ± 0.1
(Terminal dimensions)
The other terminal is also available upon request.
Please refer page 263 for schematic of dimensions.
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
L 2
4.0 0.5
Pressure relief vent
Sleeve (P.E.T.)
Frequency coefficient of rated ripple current
Frequency (Hz)
400 · 450V
Coeff.
50
60
120
300
1 k
10k
50k or more
0.77
0.82
1.00
1.16
1.30
1.41
1.43
Performance Characteristics
Item
Rated Voltage Range
Marking
Category Temperature Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
– 25 to +105°C
400
450V
120 to 1000µF
±
20% at 120Hz, 20°C
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
Temperature : 20°C
Z(– 25°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
400
450
8
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 2000 hours at 105°C,
the peak voltage shall not exceed the rated voltage.
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (max.)
400
0.15
450
0.20
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
3 CV
3 CV
3 CV
Less than or equal to the initial specified value
Within ± 20% of the initial capacitance value
Leakage current
Capacitance change
tan δ
200% or less than the initial specified value
Less than or equal to the initial specified value
Within ± 20% of the initial capacitance value
Leakage current
Capacitance change
tan δ
200% or less than the initial specified value
Shelf Life
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the characteristic requirements listed at right.
Dimension table in next page.
L
1
G
2
G
3
2
4
G
5
1
6
8
7
1
8
M
9 10
E
13
L
11
14
A
12
2 5
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (180µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
10
±0.1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Sleeve (PET)
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.


Similar Part No. - LGL

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
LGL29K-F2H1-24 OSRAM-LGL29K-F2H1-24 Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K-F2H1-24 OSRAM-LGL29K-F2H1-24 Datasheet
423Kb / 20P
LCD Backlighting
LGL29K-F2J1-24 OSRAM-LGL29K-F2J1-24 Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LGL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com