Electronic Components Datasheet Search
  English  ▼

X  

LNT Datasheet(PDF) 2 Page - Nichicon corporation

Part # LNT
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT Datasheet(HTML) 2 Page - Nichicon corporation

  LNT Datasheet HTML 1Page - Nichicon corporation LNT Datasheet HTML 2Page - Nichicon corporation LNT Datasheet HTML 3Page - Nichicon corporation LNT Datasheet HTML 4Page - Nichicon corporation LNT Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
P
7
Screw terminal types for φ51 and larger
Pressure relief vent
Pressure relief vent
A±2
120
°
30°
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
L+ max.
H±1
±1
h
U
S
Screw terminal type for φ 51 and larger
Dimension of terminal pitch (W) and length (
R) and Nominal dia.of bolt
Dimensions of mounting bracket
(mm)
(mm)
P
A
T
S
U
°
H
h
φD
51.5
63.5
76.2
90.5
100.50
W
22.0
28.6
31.8
31.8
41.5
R
6
6
6
6
10
α
3
3
3
3
4
Nominal.of bolt
M5
M5
M5
M5
M8
51
32.5
38.5
7.5
5.0
12
60
20
15
63.5
38.1
43
8.0
5.0
14
60
25
20
76.2
44.5
49.2
7.0
5.0
14
60
30
24
90
50.8
58.5
8.0
5.0
18
60
35
25
100
56.3
62
8.0
5.0
16
60
36
30
51
33.2
40
6.0
4.5
14
30
25
15
63.5
40.5
46.5
7.0
4.5
14
30
35
20
76.2
46.5
53
6.0
4.5
14
30
35
20
90
53
59
6.0
4.5
14
30
35
20
3-Legs
2-Legs
Symbol
φD
Leg Shape
LNT
∗B
3-leg brackets for φ90 capacitors have different
hole shapes from the ordinary ones as illustrated
below.
P
7
33000
47000
68000
100000
150000
220000
330000
470000
680000
35 × 80
35 × 100
51 × 80
51 × 100
51 × 120
63.5 × 120
76.2 × 120
90 × 140
90 × 170
4.8
6.2
6.8
8.6
10.8
13.2
15.8
17.0
18.4
0.65
0.65
0.80
0.80
0.85
1.20
2.00
2.40
2.40
1.72
2.05
2.47
3.00
3.67
4.44
5.00
5.00
5.00
LNT1A333MSE
LNT1A473MSE
LNT1A683MSE
LNT1A104MSE
LNT1A154MSE
LNT1A224MSE
LNT1A334MSE
LNT1A474MSE
LNT1A684MSE
10V (1A)
Rated ripple
(Arms)
tan δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
33000
47000
68000
100000
150000
220000
330000
470000
680000
35 × 80
35 × 100
51 × 80
51 × 100
51 × 120
63.5 × 120
76.2 × 120
90 × 140
90 × 170
5.2
6.8
7.1
9.6
11.0
14.1
20.6
22.1
24.0
0.45
0.45
0.60
0.60
0.60
0.80
1.20
2.00
2.00
2.17
2.60
3.12
3.79
4.64
5.00
5.00
5.00
5.00
LNT1C333MSE
LNT1C473MSE
LNT1C683MSE
LNT1C104MSE
LNT1C154MSE
LNT1C224MSE
LNT1C334MSE
LNT1C474MSE
LNT1C684MSE
16V (1C)
Rated ripple
(Arms)
tan δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Dimensions
Rated ripple current (Arms) at 105°C 120Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com