Electronic Components Datasheet Search
  English  ▼

X  

SCAN15MB200 Datasheet(PDF) 8 Page - Texas Instruments

Part # SCAN15MB200
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCAN15MB200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SCAN15MB200 Datasheet HTML 4Page - Texas Instruments SCAN15MB200 Datasheet HTML 5Page - Texas Instruments SCAN15MB200 Datasheet HTML 6Page - Texas Instruments SCAN15MB200 Datasheet HTML 7Page - Texas Instruments SCAN15MB200 Datasheet HTML 8Page - Texas Instruments SCAN15MB200 Datasheet HTML 9Page - Texas Instruments SCAN15MB200 Datasheet HTML 10Page - Texas Instruments SCAN15MB200 Datasheet HTML 11Page - Texas Instruments SCAN15MB200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SCAN15MB200
SNLS188E – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Units
tON
LVDS Output Enable Time
Time from ENA_n, ENB_n, or ENL_n to
0.5
1.5
µs
OUT± change from TRI-STATE to active.
tON2
LVDS Output Enable time from
Time from ENA_n, ENB_n, or ENL_n to
10
20
µs
powerdown mode
OUT± change from Powerdown to active
tOFF
LVDS Output Disable Time
Time from ENA_n, ENB_n, or ENL_n to
OUT± change from active to TRI-STATE
12
ns
or powerdown.
SWITCHING CHARACTERISTICS - SCAN FEATURES
fMAX
Maximum TCK Clock Frequency
RL = 500Ω,
25.0
MHz
CL = 35 pF
tS
TDI to TCK, H or L
3.0
ns
tH
TDI to TCK, H or L
0.5
ns
tS
TMS to TCK, H or L
3.0
ns
tH
TMS to TCK, H or L
0.5
ns
tW
TCK Pulse Width, H or L
10.0
ns
tW
TRST Pulse Width, L
2.5
ns
tREC
Recovery Time, TRST to TCK
2.0
ns
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: SCAN15MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com