Electronic Components Datasheet Search
  English  ▼

X  

RHRG1540CC Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # RHRG1540CC
Description  Hyperfast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

RHRG1540CC Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  RHRG1540CC Datasheet HTML 1Page - Inchange Semiconductor Company Limited RHRG1540CC Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Recovery Diode
RHRG1540CC
www.iscsemi.com
1
FEATURES
· High Operating Temperature
· High Recovery Speed
· Planar Construction
APPLICATIONS
· Switching Power Supply (SPS)
· Power Switching Circuit
· General Purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
400
V
IF(AV)
Average Rectified Forward Current
15
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 60Hz)
200
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W


Similar Part No. - RHRG1540CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
15A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
15A, 400V - 600V Hyperfast Dual Diodes
January 2000
logo
ON Semiconductor
RHRG1540CC ONSEMI-RHRG1540CC Datasheet
309Kb / 6P
Hyperfast Dual Diode 30 A, 400 V - 600 V
February, 2020 - Rev. 2
More results

Similar Description - RHRG1540CC

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
Hyperfast Recovery Rectifier
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
Hyperfast Recovery Rectifier
logo
Pan Jit International I...
ERT802 PANJIT-ERT802 Datasheet
114Kb / 4P
Hyperfast recovery time
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
logo
Vishay Siliconix
VS-8ETX06PBF VISHAY-VS-8ETX06PBF Datasheet
199Kb / 9P
Hyperfast recovery time
13-May-16
logo
Thinki Semiconductor Co...
HFA08TB60S THINKISEMI-HFA08TB60S Datasheet
2Mb / 3P
8Amperes,600Volts SwitchMode Hyperfast Recovery Epitaxial Diode
logo
Vishay Siliconix
VS-E4PH6006LHN3 VISHAY-VS-E4PH6006LHN3 Datasheet
161Kb / 6P
Hyperfast Soft Recovery Diode, 60 A FRED Pt® Gen 4
23-Feb-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com