Electronic Components Datasheet Search
  English  ▼

X  

PCW Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCW
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCW Datasheet(HTML) 2 Page - Nichicon corporation

  PCW Datasheet HTML 1Page - Nichicon corporation PCW Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCW
Dimensions
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
Rated Voltage
(V)
(code)
Surge
Voltage
(V)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tanδ
Leakage Current
(µA)
ESR
(mΩ)
(20℃ /100kHz)
Rated Ripple
(mArms)
(125℃ /100kHz)
Part Number
(
at 20℃ after
2 minutes
)
2.5
(0E)
2.8
270
5×6
0.08
270
16
1800
PCW0E271MCO1GS
390
6.3×6
0.08
292
15
1890
PCW0E391MCO1GS
820
8×7
0.08
615
14
2100
PCW0E821MCO1GS
1800
8×10
0.08
1350
13
2200
PCW0E182MCO1GS
4
(0G)
4.6
180
5×6
0.08
288
17
1720
PCW0G181MCO1GS
330
6.3×6
0.08
396
16
1800
PCW0G331MCO1GS
560
8×7
0.08
672
15
2150
PCW0G561MCO1GS
1200
8×10
0.08
1440
14
2300
PCW0G122MCO1GS
6.3
(0J)
7.2
150
5×6
0.08
378
18
1580
PCW0J151MCO1GS
220
6.3×6
0.08
415
16
1800
PCW0J221MCO1GS
470
8×7
0.08
888
15
2200
PCW0J471MCO1GS
1000
8×10
0.08
1890
14
2500
PCW0J102MCO1GS
Blue : New product(as of October 2024)
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com