Electronic Components Datasheet Search
  English  ▼

X  

UBC Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBC Datasheet(HTML) 1 Page - Nichicon corporation

  UBC Datasheet HTML 1Page - Nichicon corporation UBC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UBC ChipType, HighTemperatureRange,
Vibration Resistance
Highly dependable reliability withstanding load life of 1000
hours at +150°C.
Suited for automobile electronics where heavy duty services
are indispensable.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
Item
Performance Characteristics
Endurance
Tangent of loss angle (tan δ)
Stability at Low Temperature
8
6
4
4
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 150°C.
6
4
4
4
For capacitance of more than 1000μF, add 0.02 for every increase of 1000μF. (φ12.5 to φ18)
φ
8 , φ 10
φ
12.5
to φ 18
φ
8,φ 10
φ
12.5
to φ 18
Rated voltage (V)
–40 to +150°C ( φ 8 to 10), –55 to +150°C ( φ 12.5 to 18)
16 to 50V
33 to 2200μF
± 20% at 120Hz, 20°C
Rated voltage (V)
Impedance ratio
Z(
–40°C) / Z(+20°C)
(max.)
After storing the capacitors under no load at 150°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Black print on the case top.
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.03CV(μA).
tan δ
(max.)
16
25
35
50
120Hz
0.20
0.16
0.14
0.14
0.18
0.16
0.14
0.12
16
25
35
50
120Hz 20
°C
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Shelf Life
Marking
Specifications
U
1
B
2
C
3
1
4
C
5
2
6
2
7
1
8
Taping code
M
9
Capacitance Tolerance(±20%)
Rated capacitance(220µF)
Rated voltage(16V)
Series name
Type
Configuration
N
10
S
G S
11
13 14
12
1
Size code
φD
8 to 18
Code
NS
(mm)
A
B
C
E
L
12.5
4.8
13.6
13.6
(4.0)
13.5
10
3.2
10.3
10.3
4.5
10
8
2.9
8.3
8.3
3.1
10
16
5.4
17.1
17.1
(6.3)
16.5,21.5
18
6.4
19.1
19.1
(6.3)
21.5
H
1.0 to 1.4
1.1 to 1.5
1.1 to 1.5
1.0 to 1.4 1.0 to 1.4
φ D
φ8,10
φ12.5 to 18
GS
Size
Code
MS
Type numbering system (Example : 16V 220μF)
Chip Type
Coefficient
120 Hz
300 Hz
1 kHz
10kHz or more
0.67
0.79
0.91
1.00
Frequency
Frequency coefficient of rated ripple current
H
0.3 max.
C±0.2
L±1.0
Pressure relief vent
Plastic platform
Trade mark
Series
Voltage( C : 16V )
Lot No.
H
C±0.2
Plastic platform
Pressure relief vent
0.3 max.
L±1.0
Aid electrode
Trade mark
Voltage
Series
Capacitance
Lot No.
Capacitance
Positive
Negative
Positive
Negative
(φ8 , φ10)
(φ12.5 to φ18)
Within ±30% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan δ
Dimension table in next page.
UBC
UUE
High
Temperature
UBH
Long Life
※ I : Leakage Current (μA), C : Rated Capacitance (μF), V : Rated Voltage (V)
CAT.8100N


Similar Part No. - UBC

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
UBC JST-UBC Datasheet
110Kb / 2P
USB (Universal Serial Bus) Conforming Connector
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200CD-MDA1E ADVANTECH-UBC-200CD-MDA1E Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200CD-MDA1E ADVANTECH-UBC-200CD-MDA1E Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
More results

Similar Description - UBC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com