Electronic Components Datasheet Search
  English  ▼

X  

ABLNO Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLNO
Description  Ultra Low Phase Noise XO / VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLNO Datasheet(HTML) 1 Page - Abracon Corporation

  ABLNO Datasheet HTML 1Page - Abracon Corporation ABLNO Datasheet HTML 2Page - Abracon Corporation ABLNO Datasheet HTML 3Page - Abracon Corporation ABLNO Datasheet HTML 4Page - Abracon Corporation ABLNO Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABLNO
APPLICATIONS:
• Satellite Modem Communication Systems
• COTS - Military communications
• Low Phase Noise Signal Sources
• High Definition TV
• Test & Measurement
• Ultra Low Jitter RF Communication Circuitry
FEATURES:
Ultra Low Phase Noise XO / VCXO
ABRACON IS
Pb
14.3 x 8.7 x 5.5mm
• High "Q", 3rd Overtone Crystal Technology
• Ultra Low Phase Noise -162 dBc/Hz Typ. @ 10kHz offset, 100MHz carrier
• Standard LVCMOS RF Output
• Wide Operating Temperature (-40ºC to +85ºC) standard
• ±28 ppm Max. All inclusive Stability (including Aging) over 10-years
• Available Frequency range from 24.576MHz to 200.00MHz
STANDARD SPECIFICATIONS
RoHS Compliant
• Avionics
ESD Sensitive
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 07.06.2020
Parameters
Minimum
Typical
Maximum
Units
Notes
RF Output Frequency Range
24.576
200.00
MHz
Standard Available Frequencies
24.576MHz, 80.00MHz, 81.92MHz, 92.16MHz,
96.00MHz, 98.304MHz, 100MHz, 104.00MHz,
106.25MHz, 120.00MHz, 122.88MHz, 125.00MHz,
150.00MHz, 155.52MHz, 156.250MHz, 200MHz
Custom frequencies
available upon request
Supply Voltage (Vdd)
3.135
3.300
3.465
Volts
Current
Drain
50MHz ~ 99.999MHz
25.00
mA
100MHz ~ 149.999MHz
35.00
≥ 150.00MHz
40.00
Waveform
LVCMOS
Output Load
15
pF
VOH
0.9*Vdd
Volts
VOL
0.1*Vdd
Ω
Symmetry
45
50
55
%
Rise & Fall Times
3.0
ns
Operating Temperature Range
-40
+85
ºC
Frequency Stability
Over (-40º C to +85ºC)
±12.00
±18.00
ppm
Relative to measured
frequency @ 25ºC
ALL effects, including Aging
±28.00
ppm
Storage Temperature Range
-40
+90
ºC
Aging
First Year
±2.00
ppm
5-Years
±5.00
ppm
10-Years
±7.00
ppm
Phase Noise (24.576MHz Carrier)
Vdd=3.3V
@ 10
Hz offset
-90
-82
dBc/Hz
Note #1 & #2
@ 100
Hz offset
-120
-115
dBc/Hz
@ 1,000
Hz offset
-145
-140
dBc/Hz
@ 10,000 Hz offset
-165
-160
dBc/Hz
@ 100,000 Hz offset
-166
-165
dBc/Hz
@ 1,000,000 Hz offset
-166
-165
dBc/Hz
RMS Jitter (12kHz ~ 20MHz BW)
< 100
125
Femto
Seconds
0.125 ps Max.


Similar Part No. - ABLNO

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
Ultra Low Phase Noise XO / VCXO
10.05.15
ABLNO-EVAL ABRACON-ABLNO-EVAL Datasheet
4Mb / 7P
Frequency Divider Evaluation Board
06.06.13
More results

Similar Description - ABLNO

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 122799
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 120600
logo
Crystek Corporation
CVSS-945 CRYSTEKCRYSTAL-CVSS-945 Datasheet
345Kb / 2P
Ultra Low Noise SineWave VCXO
CVHD-950-54.000 CRYSTEKCRYSTAL-CVHD-950-54.000 Datasheet
385Kb / 3P
CVHD-950 VCXO Ultra-Low Phase Noise Oscillators
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
Ultra-Low Phase Noise VCXO
CVPD-922 CRYSTEKCRYSTAL-CVPD-922 Datasheet
120Kb / 1P
Ultra-Low Noise LVPECL VCXO
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
Ultra Low Phase Noise XO / VCXO
10.05.15
logo
Crystek Corporation
CVSS-945 CRYSTEKCRYSTAL-CVSS-945_18 Datasheet
511Kb / 3P
Ultra-Low Phase Noise SineWave VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com