Electronic Components Datasheet Search
  English  ▼

X  

3093 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 3093
Description  ISA 16 Reed Relay Output / 16 Isolated Input Digital Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

3093 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  3093 Datasheet HTML 1Page - Sealevel Systems, Inc. 3093 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
ISA 16 Reed Relay Output / 16 Isolated Input Digital Interface
Part: 3093 | Model: DIO-32B
Features
• 16 Reed relay outputs (SPST)
• 16 optically isolated inputs
• Highly reliable 10VA DIP Reed relays
• Power (+5V and +12V) and ground provided on connector
• Supports interrupts 2/9 – 7
• Selectable port addressing (100H – 3FFH)
• SeaI/O Classic software supports Windows 98, ME, NT, 2000, XP and
Vista operating systems
• Software support for DOS, Linux, Windows 3.1 and Windows 95
available
sealevel.com
+1 864.843.4343
SL9667 H22
Specifications
Board Connector
One DB-37M One DB-37F
Contact Current
500 mA
Contact Voltage
100 VDC/VAC
Digital I/O
Isolated Inputs, Reed Relay Outputs
Extended Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Input Isolation
400V (Optical)
Input Range
3-13 VDC
Host Interface(s)
ISA
Number of Inputs/
Outputs
16 Inputs 16 Outputs
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
16/16
Power Requirement
+5V @ 800mA +12V @ 50mA
Storage Temperature
-50°C to 105°C (-58°F to 221°F)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com