Electronic Components Datasheet Search
  English  ▼

X  

RM10 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RM10
Description  Three-Phase Diode Bridge Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM10 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RM10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sep.1998
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
RM10TN-H
Units
Repetitive Peak Reverse Voltage
VRRM
800
Volts
Non-Repetitive Peak Reverse Voltage
VRSM
840
Volts
Recommended AC Input Voltage
EA
220
Volts
DC Output Current (Tb = 100°C)
IO
12
Amperes
Surge (Non-Repetitive) Forward Current (One Half Cycle at 60Hz, Peak Value)
IFSM
200
Amperes
I2t for Fusing (Value for One Cycle of Surge Current)
I2t
166
A2sec
Junction Temperature
Tj
-40 ~ +125
°C
Storage Temperature
Tstg
-40 ~ +125
°C
Operating Frequency
f
1000
Hz
Maximum Mounting Torque M3.5 Mounting Screw
–
0.78 ~ 0.98
N · m
Maximum Mounting Torque M3.5 Terminal Screw
–
0.78 ~ 0.98
N · m
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Repetitive Reverse Current
IRRM
Tj = 125°C, VRRM = Rated
–
–
8.0
mA
Forward Voltage Drop
VFM
Tj = 25°C, IFM = 20A,
–
–
1.5
Volts
Instantaneous Meaurement
Thermal Resistance
Rth(j-b)
Junction to Base Plate
–
-
2.2
°C/ W
Thermal Resistance
Rth(b-f)
Base to Fin, Thermal Grease Applied
–
–
0.3
°C/W
Isolation Resistance
At 500V DC
10
–
–
M
Ω
Between Terminal and Base Plate
RM10TN-H
DC OUTPUT CURRENT, I
o, (AMPERES)
ALLOWABLE DC OUTPUT CURRENT
VS. BASE PLATE TEMPERATURE
120
100
80
60
40
20
04
8
0
12
16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com