Electronic Components Datasheet Search
  English  ▼

X  

D3000 Datasheet(PDF) 3 Page - 3M Electronics

Part # D3000
Description  .100” × .100” Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D3000 Datasheet(HTML) 3 Page - 3M Electronics

  D3000 Datasheet HTML 1Page - 3M Electronics D3000 Datasheet HTML 2Page - 3M Electronics D3000 Datasheet HTML 3Page - 3M Electronics D3000 Datasheet HTML 4Page - 3M Electronics D3000 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100” × .100” Latch/Ejector, Straight and Right Angle
D3000 Series
TS-2245-F
Sheet 3 of 4
Table 1
Pin Qty
3M Part
Number
Dimensions
Polarizing
Notches
A
B
C
D
06
3869
1.065 (27.05)
0.905 (22.99)
0.665 (16.89)
0.505 (12.83)
B*
08
3889
1.165 (29.59)
1.005 (25.53)
0.765 (19.43)
0.605 (15.37)
B*
10
3793
1.265 (32.13)
1.105 (28.04)
0.865 (21.97)
0.705 (17.91)
BC
14
3314
1.465 (37.21)
1.305 (33.12)
1.065 (27.05)
0.905 (22.99)
BC
16
3408
1.565 (39.75)
1.405 (35.66)
1.165 (29.59)
1.005 (25.53)
ABC
20
3428
1.765 (44.83)
1.605 (40.74)
1.365 (34.67)
1.205 (30.61)
ABC
24
3627
1.965 (49.91)
1.805 (45.82)
1.565 (39.75)
1.405 (35.69)
ABC
26
3429
2.065 (52.45)
1.905 (48.36)
1.665 (42.29)
1.505 (38.23)
ABC
30
3440
2.265 (57.53)
2.105 (53.44)
1.865 (47.37)
1.705 (43.31)
ABC
34
3431
2.465 (62.61)
2.305 (58.52)
2.065 (52.45)
1.905 (48.39)
ABC
40
3432
2.765 (70.23)
2.605 (66.14)
2.365 (60.07)
2.205 (56.01)
ABC
50
3433
3.265 (82.93)
3.105 (78.84)
2.865 (72.77)
2.705 (68.71)
ABC
60
3372
3.765 (95.63)
3.605 (91.54)
3.365 (85.47)
3.205 (81.41)
ABC
64
3764
3.965 (100.71)
3.805 (96.62)
3.565 (90.55)
3.405 (86.49)
ABC
* Available without center notch B. Contact 3M.
Inch
(mm)
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
[ ] Dimensions for
Reference only
Table 2
3M Part
Number Suffix
Contact Tail
Dim E
Pin Cross Section
Dimension G
Dim F
Diagonals
Corner Radii
-5XX2
Solder Tail for
.062 [1.57]
Thick PC Board
.112 ± .010
[2.84]
.0245 ± .0005
[0.622]
.028 ± ..001
[0.71]
.0075 Ref
[0.191]
Ø.035 ±.003
[0.89] (See Note 3)
-6XX2
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #3518 or #N3518).
2. Mounting hardware: From solder side of pc board use #4-24 thread cutting screw (3M Part # 3341-5) and .116 [2.95] dia mounting hole.
For right angle version only, #2-56 bolt and nut (3M Part # 3341-6) with .106 [2.69] dia mounting hole may be used. See illustrations on page 4.
3. Contact your 3M sales representative for custom requirements.
CL
"Y"
.41
[10.4]
Max to Edge of PCB
for Daisy Chain
ø.106
[2.69]
or ø.116
[2.95]
(See Note 2)
.029
[0.74]
.100 ± .003
[2.54]
Position 1
.232
[5.89]
C
Recommended Mounting Hole Pattern
(Right Angle)
.100 ± .003
[2.54]
Dim G
ø.106
[2.69]
or ø.116
[2.95]
(See Note 2)
Position 1
.100 ± .003
[2.54]
.100 ± .003
[2.54]
.060
[1.52]
.300
[7.62]
Side to Side Stackability
B
Recommended Mounting Hole Pattern
(Straight)
.352
[8.94]
CL
“Y”
Dim G
Ordering Information
D3XXX - XX02AR
Pin Configuration
5 = Right Angle Solder Tails
6 = Straight Solder Tails
3M Part Number
(See Table 1)
Latch/Ejector System
0 = No Latch/Ejector installed
2 = Short Roll Pin Latch/Ejectors
3 = Long Roll Pin Latch/Ejectors
Tail
02 = for .062 [1.57] thick board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com