Electronic Components Datasheet Search
  English  ▼

X  

MAX3232ECAE Datasheet(PDF) 15 Page - Analog Devices

Part # MAX3232ECAE
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX3232ECAE Datasheet(HTML) 15 Page - Analog Devices

Back Button MAX3232ECAE Datasheet HTML 11Page - Analog Devices MAX3232ECAE Datasheet HTML 12Page - Analog Devices MAX3232ECAE Datasheet HTML 13Page - Analog Devices MAX3232ECAE Datasheet HTML 14Page - Analog Devices MAX3232ECAE Datasheet HTML 15Page - Analog Devices MAX3232ECAE Datasheet HTML 16Page - Analog Devices MAX3232ECAE Datasheet HTML 17Page - Analog Devices MAX3232ECAE Datasheet HTML 18Page - Analog Devices MAX3232ECAE Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
Figure 6a shows the transmitter output voltages under
increasing load current at +3.0V. Figure 6b shows a
typical mouse connection using the MAX3241E.
High Data Rates
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E maintain the RS-232 ±5V minimum transmit-
ter output voltage even at high data rates. Figure 7
shows a transmitter loopback test circuit. Figure 8
shows a loopback test result at 120kbps, and Figure 9
shows the same test at 250kbps. For Figure 8, all trans-
mitters were driven simultaneously at 120kbps into RS-
232 loads in parallel with 1000pF. For Figure 9, a single
transmitter was driven at 250kbps, and all transmitters
were loaded with an RS-232 receiver in parallel with
1000pF.
The MAX3237E maintains the RS-232 ±5.0V minimum
transmitter output voltage at data rates up to 1Mbps.
Figure 10 shows a loopback test result at 1Mbps with
MBAUD = VCC. For Figure 10, all transmitters were
loaded with an RS-232 receiver in parallel with 250pF.
Interconnection with 3V and 5V Logic
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E can directly interface with various 5V logic
families, including ACT and HCT CMOS. See Table 3
for more information on possible combinations of inter-
connections.
UCSP Reliability
The UCSP represents a unique packaging form factor
that may not perform equally to a packaged product
through traditional mechanical reliability tests. UCSP
reliability is integrally linked to the user’s assembly
methods, circuit board material, and usage environ-
ment. The user should closely review these areas when
considering use of a UCSP package. Performance
through Operating Life Test and Moisture Resistance
remains uncompromised as the wafer-fabrication
process primarily determines it.
Mechanical stress performance is a greater considera-
tion for a UCSP package. UCSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be consid-
ered. Table 4 shows the testing done to characterize
the UCSP reliability performance. In conclusion, the
UCSP is capable of performing reliably through envi-
ronmental stresses as indicated by the results in the
table. Additional usage data and recommendations are
detailed in Application Note 1891:
Wafer-Level
Packaging (WLP) and Its Applications.
Table 4. Reliability Test Data
TEST
CONDITIONS
DURATION
FAILURES PER
SAMPLE SIZE
Temperature Cycle
TA = -35°C to +85°C,
TA = -40°C to +100°C
150 cycles,
900 cycles
0/10,
0/200
Operating Life
TA = +70°C
240 hours
0/10
Moisture Resistance
TA = +20°C to +60°C, 90% RH
240 hours
0/10
Low-Temperature Storage
TA = -20°C
240 hours
0/10
Low-Temperature Operational
TA = -10°C
24 hours
0/10
Solderability
8-hour steam age
—
0/15
ESD
±15kV, Human Body Model
—
0/5
High-Temperature Operating
Life
TJ = +150°C
168 hours
0/45
Maxim Integrated
15
MAX3222E/MAX3232E/MAX3237E/
MAX3241E/MAX3246E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com