Electronic Components Datasheet Search
  English  ▼

X  

SN54AC00-SP Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54AC00-SP
Description  SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54AC00-SP Datasheet(HTML) 5 Page - Texas Instruments

  SN54AC00-SP Datasheet HTML 1Page - Texas Instruments SN54AC00-SP Datasheet HTML 2Page - Texas Instruments SN54AC00-SP Datasheet HTML 3Page - Texas Instruments SN54AC00-SP Datasheet HTML 4Page - Texas Instruments SN54AC00-SP Datasheet HTML 5Page - Texas Instruments SN54AC00-SP Datasheet HTML 6Page - Texas Instruments SN54AC00-SP Datasheet HTML 7Page - Texas Instruments SN54AC00-SP Datasheet HTML 8Page - Texas Instruments SN54AC00-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6.3 Thermal Information
THERMAL METRIC(1) (2)
SN54AC00-SP
UNIT
J
W
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
83.1
125.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.6
30.85
RθJB
Junction-to-board thermal resistance
47.9
43.4
ψJT
Junction-to-top characterization parameter
N/A
N/A
ψJB
Junction-to-board characterization parameter
N/A
N/A
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7 and Mil Std 883 method 1012.1 (see www.JEDEC.org).
6.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
VOH
IOH = –50 μA
3 V
2.9
2.9
V
4.5 V
4.4
4.4
5.5 V
5.4
5.4
IOH = –12 mA
3 V
2.56
2.4
IOH = –24 mA
4.5 V
3.86
3.7
5.5 V
4.86
4.7
IOH = –50 mA(1)
5.5 V
3.85
VOL
IOL = 50 μA
3 V
0.1
0.1
V
4.5 V
0.1
0.1
5.5 V
0.1
0.1
IOL = 12 mA
3 V
0.36
0.5
IOL = 24 mA
4.5 V
0.36
0.5
5.5 V
0.36
0.5
IOL = 50 mA(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
μA
ICC
VI = VCC or GND, IO = 0
5.5 V
4
40
μA
Ci
VI = VCC or GND
5 V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
www.ti.com
SN54AC00-SP
SCHS367C – OCTOBER 2008 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54AC00-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com