Electronic Components Datasheet Search
  English  ▼

X  

SN74AS805B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS805B
Description  HEX 2-INPUT NOR DRIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AS805B Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS805B Datasheet HTML 1Page - Texas Instruments SN74AS805B Datasheet HTML 2Page - Texas Instruments SN74AS805B Datasheet HTML 3Page - Texas Instruments SN74AS805B Datasheet HTML 4Page - Texas Instruments SN74AS805B Datasheet HTML 5Page - Texas Instruments SN74AS805B Datasheet HTML 6Page - Texas Instruments SN74AS805B Datasheet HTML 7Page - Texas Instruments SN74AS805B Datasheet HTML 8Page - Texas Instruments SN74AS805B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54ALS805A, SN54AS805B, SN74ALS805A, SN74AS805B
HEX 2INPUT NOR DRIVERS
SDAS023C − DECEMBER 1982 − REVISED JANUARY 1995
Copyright
 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• High Capacitive-Drive Capability
• ′ALS805A Has Typical Delay Time of 4.2 ns
(CL = 50 pF) and Typical Power Dissipation
of 4.2 mW Per Gate
• ′AS805B Has Typical Delay Time of 2.6 ns
(CL = 50 pF) and Typical Power Dissipation
of 12 mW Per Gate
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These devices contain six independent 2-input
NOR drivers. They perform the Boolean functions
Y = A + B or Y = A
• B in positive logic.
The
SN54ALS805A
and
SN54AS805B
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS805A
and
SN74AS805B
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
L
X
HL
L
L
H
logic symbol†
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
7
3A
8
3B
12
4A
13
4B
1Y
3
2Y
6
3Y
9
4Y
11
15
5A
16
5B
18
6A
19
6B
5Y
14
6Y
17
1Y
3
2Y
6
3Y
9
4Y
11
5Y
14
6Y
17
≥1
1
1A
2
1B
4
2A
5
2B
7
3A
8
3B
12
4A
13
4B
15
5A
16
5B
18
6A
19
6B
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
GND
VCC
6B
6A
6Y
5B
5A
5Y
4B
4A
4Y
SN54ALS805A, SN54AS805B...J PACKAGE
SN74ALS805A, SN74AS805B...DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6A
6Y
5B
5A
5Y
2A
2B
2Y
3A
3B
SN54ALS805A, SN54AS805B...FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS805B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS805B TI-SN74AS805B Datasheet
99Kb / 6P
HEX 2-INPUT NOR DRIVERS
SN74AS805B TI1-SN74AS805B Datasheet
659Kb / 15P
HEX 2-INPUT NOR DRIVERS
SN74AS805BDW TI-SN74AS805BDW Datasheet
99Kb / 6P
HEX 2-INPUT NOR DRIVERS
SN74AS805BDW TI1-SN74AS805BDW Datasheet
659Kb / 15P
HEX 2-INPUT NOR DRIVERS
SN74AS805BN TI-SN74AS805BN Datasheet
99Kb / 6P
HEX 2-INPUT NOR DRIVERS
More results

Similar Description - SN74AS805B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
Hex 2-input NAND drivers
1990 Sep 14
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
HEX 2-INPUT NOR DRIVERS
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
Hex 2-Input NOR Driver
DM74AS805B FAIRCHILD-DM74AS805B Datasheet
43Kb / 4P
Hex 2-Input NOR Driver
logo
Texas Instruments
SN74AS1805 TI-SN74AS1805 Datasheet
70Kb / 4P
HEX 2-INPUT NOR DRIVER
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
HEX 2-INPUT NAND DRIVERS
SN74AS1805 TI1-SN74AS1805_09 Datasheet
174Kb / 6P
HEX 2-INPUT NOR DRIVER
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
HEX 2-INPUT NOR DRIVERS
SN54AS808B TI1-SN54AS808B_16 Datasheet
618Kb / 13P
HEX 2-INPUT AND DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com