Electronic Components Datasheet Search
  English  ▼

X  

SN65ELT21 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65ELT21
Description  5-V PECL-to-TTL Translator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65ELT21 Datasheet(HTML) 1 Page - Texas Instruments

  SN65ELT21 Datasheet HTML 1Page - Texas Instruments SN65ELT21 Datasheet HTML 2Page - Texas Instruments SN65ELT21 Datasheet HTML 3Page - Texas Instruments SN65ELT21 Datasheet HTML 4Page - Texas Instruments SN65ELT21 Datasheet HTML 5Page - Texas Instruments SN65ELT21 Datasheet HTML 6Page - Texas Instruments SN65ELT21 Datasheet HTML 7Page - Texas Instruments SN65ELT21 Datasheet HTML 8Page - Texas Instruments SN65ELT21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
PIN ASSIGNMENT
APPLICATIONS
1
8
2
7
3
6
4
5
NC
Q
NC
V
CC
D
D
GND
V
BB
DESCRIPTION
SN65ELT21
www.ti.com....................................................................................................................................................................................................... SLLS923 – JUNE 2009
5-V PECL-to-TTL Translator
• 3ns (TYP) Propagation Delay
• Operating Range: V
CC = 4.2 V to 5.7 V with
D or DGK PACKAGE
GND = 0 V
(TOP VIEW)
• 24-mA TTL Output
• Deterministic Output Value for Open Input
Conditions or When Inputs < 1.3 V
• Built-In Temperature Compensation
• Drop-In Compatible to the MC10ELT21,
MC100ELT21
• Data and Clock Transmission Over Backplane
• Signaling Level Conversion for Clock or Data
Table 1. Pin Descriptions
The
SN65ELT21
is
a
differential
PECL-to-TTL
translator. It operates on +5-V supply and ground
PIN
FUNCTION
only. The device includes circuitry to maintain Q to a
D, D
PECL data inputs
low logic level when inputs are in an open condition
Q
TTL output
or < 1.3 V.
VCC
Positive supply
The VBB pin is a reference voltage output for the
VEE
Negative supply
device. When the device is used in single-ended
VBB
Reference voltage output
mode, the unused input should be tied to VBB. This
reference voltage can also be used to bias the input
when it is ac coupled. When it is used, place a
0.01
µF decoupling capacitor between V
CC and VBB.
Also limit the sink/source current to < 0.5 mA to VBB.
Leave VBB open when it is not used.
The SN65ELT21 is housed in an industry standard
SOIC-8 package and is also available in an optional
TSSOP-8 package.
ORDERING INFORMATION(1)(2)
PART NUMBER
PART MARKING
PACKAGE
LEAD FINISH
SN65ELT21D
ELT21
SOIC
NiPdAu
SN65ELT21DGK
SIII
SOIC-TSSOP
NiPdAu
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Leaded device options are not initially available; contact a sales representative for further details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65ELT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21D TI-SN65ELT21D Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21DGK TI-SN65ELT21DGK Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21DGKR TI-SN65ELT21DGKR Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT21DR TI-SN65ELT21DR Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
More results

Similar Description - SN65ELT21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
5-V TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
5-V Dual TTL-to-Differential PECL Translator
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
5-V PECL-to-TTL Translator
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
5-V TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com