Electronic Components Datasheet Search
  English  ▼

X  

SMTC-102 Datasheet(PDF) 21 Page - Metcal

Part # SMTC-102
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

SMTC-102 Datasheet(HTML) 21 Page - Metcal

Back Button SMTC-102 Datasheet HTML 17Page - Metcal SMTC-102 Datasheet HTML 18Page - Metcal SMTC-102 Datasheet HTML 19Page - Metcal SMTC-102 Datasheet HTML 20Page - Metcal SMTC-102 Datasheet HTML 21Page - Metcal SMTC-102 Datasheet HTML 22Page - Metcal SMTC-102 Datasheet HTML 23Page - Metcal SMTC-102 Datasheet HTML 24Page - Metcal SMTC-102 Datasheet HTML 25Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
01
18
.55"
14mm
.04"
1.0mm
.03"
0.76mm
.55"
14mm
.079"
2.0mm
.03"
0.76mm
.75"
19.1mm
.015"
.38mm
0.055"
1.4mm
A
0.028"
0.57mm
for MFR-SRC System and MFR-HSR Hand-piece
for MFR-PTZ System and MFR-HPT Hand-piece
Tweezer Cartridges
TFP-BLP1
TweezerCartridge
BladePair
1.0mm(.04̎)
TFP-BLP2
TweezerCartridge
BladePair
2.0mm(.08̎)
TFP-CNP1
TweezerCartridge
ConicalPair
0.4mm(.015̎)
Rework Cartridges
Part No.
SMT TYPE
A2
A
B
D
RFP-DL1 SOIC14-16 5.18mm(.204̎) 5.18mm(.204̎) 4.32mm(.17̎) 3.22mm(.127̎)
RFP-DL2 SOIC8 5.18mm(.204̎) 5.18mm(.204̎) 4.32mm(.17̎) 2.29mm(.090̎)
RFP-QD13 SOIC16 6.86mm(.270̎) 6.86mm(.270̎)11.18mm(.44̎) 2.29mm(.090̎)
Dimensionsinmm(̎)
Part No.
SMT TYPE
A2
A
B2
BD
RFP-QD4 PLCC32 11.43(.450) 12.70(.500)13.97(.550)15.24(.600) 3.81(.150)
RFP-QD6 PLCC44 16.76(.660) 17.78(.700)16.76(.660)17.78(.700) 3.81(.150)
RFP-QD7 PLCC68 24.38(.960) 25.27(.995)24.38(.960)25.27(.995) 5.59(.220)
RFP-QD10 PLCC52 19.30(.760) 20.32(.800)19.30(.760)20.32(.800) 3.81(.150)
RFP-QD15 TQFP80 12.32(.485) 13.34(.525)12.32(.485)13.34(.525) 2.79(.110)
RFP-QD19 QFP44 16.13(.635) 16.13(.635)16.13(.635)16.13(.635) 3.30(.130)
RFP-QD20 QFP100 16.51(.650) 16.51(.650)22.48(.885)22.48(.885) 3.30(.130)
Part No.
Description
A
TFP-BLH40
HeavyDutyTweezerPair
6.35mm(.25̎)
TFP-BLH50
HeavyDutyTweezerPair
16mm(.62̎)
TFP-BLH60
HeavyDutyTweezerPair
20.5mm(.81̎)
TFP-BLH70
HeavyDutyTweezerPair
28mm(1.1̎)
PRECISION TWEEZER CARTRIDGES
STANDARD TWEEZER CARTRIDGES
TUNNEL CARTRIDGES
QUAD CARTRIDGES
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandard
applications.AlsoavailableinCSeries,C=Ceramic.
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandard
applications.AlsoavailableinCSeries,C=Ceramic.
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandard
applications.Twootherseriesarealsoavailable,justreplaceFwitheitherTorC. T=Temperature
Sensitive,C=Ceramic
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandardapplications.Twootherseriesarealsoavailable,just
replaceFwitheitherTorC. T=TemperatureSensitive,C=Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com