Electronic Components Datasheet Search
  English  ▼

X  

AM53C94 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 22Page - Advanced Micro Devices AM53C94 Datasheet HTML 23Page - Advanced Micro Devices AM53C94 Datasheet HTML 24Page - Advanced Micro Devices AM53C94 Datasheet HTML 25Page - Advanced Micro Devices AM53C94 Datasheet HTML 26Page - Advanced Micro Devices AM53C94 Datasheet HTML 27Page - Advanced Micro Devices AM53C94 Datasheet HTML 28Page - Advanced Micro Devices AM53C94 Datasheet HTML 29Page - Advanced Micro Devices AM53C94 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
P R E L I M I N A R Y
AMD
26
Am53C94/Am53C96
Synchronous Transfer Period Register (06H) Write
6
Synchronous Transfer Period Register
STPREG
Address: 06H
Type: Write
7
543
210
RES
RES
RES
STP4
STP3
STP2
STP1
STP0
xxx
0
0
1
0
1
Reserved
Reserved
Synchronous Transfer Period 4:0
Reserved
16506C-25
The Synchronous Transfer Period Register (STPREG)
contains a 5-bit value indicating the number of clock cy-
cles each byte will take to be transferred over the SCSI
bus in synchronous mode. The minimum value allowed
is 5. The STPREG defaults to five after a hard or soft
reset.
STPREG – Bits 7:5 – RES – Reserved
STPREG – Bits 4:0 – STP 4:0 – Synchronous
Transfer Period 4:0
The STP 4:0 bits are programmed to specify the syn-
chronous transfer period or the number of clock cycles
for each byte transfer in the synchronous mode. The
minimum value for STP 4:0 is five. Missing table entries
follow the binary code.
Clocks/
STP4
STP3
STP2
STP1
STP0
Byte
0
01005
00
1
0
1
5
0
01106
0
01117
•
•••••
•
•••••
1
1111
31
0
0000
32
0
0001
33
0
0010
34
0
0011
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com