Electronic Components Datasheet Search
  English  ▼

X  

SD1614 Datasheet(PDF) 4 Page - TDK Electronics

Part # SD1614
Description  Electromagnetic buzzers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SD1614 Datasheet(HTML) 4 Page - TDK Electronics

  SD1614 Datasheet HTML 1Page - TDK Electronics SD1614 Datasheet HTML 2Page - TDK Electronics SD1614 Datasheet HTML 3Page - TDK Electronics SD1614 Datasheet HTML 4Page - TDK Electronics SD1614 Datasheet HTML 5Page - TDK Electronics SD1614 Datasheet HTML 6Page - TDK Electronics SD1614 Datasheet HTML 7Page - TDK Electronics SD1614 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(4/8)
20170901 / electromagnetic_buzzer_sd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
BUZZERS
SD160701 /ø16mm
SD160709 /ø16mm
FEATURES
These are thin-type electromagnetic buzzers with a height of only 7mm. They provide output over a relatively wide band, making them
suitable for music.
Pin type terminal construction enables direct mounting onto printed circuit boards.
APPLICATION
Travel watches, keyboards, handy-type equipment, toys.
SHAPE & DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed another operating rated frequency.
FREQUENCY CHARACTERISTICS (TYPICAL VALUE)
SD160701
Around 4000Hz
Part No.
SD160701
SD160709
Rated voltage Eo-p(V)
35
Operating voltage Eo-p(V)
1 to 5
3 to 9
Drive conditions:rated voltage, square wave form [duty 50%]
Frequency(Hz)
4096
4096
Sound pressure(dB(A)/10cm)min.
80
80
Current Io-p(mA)max.
60
70
DC resistance(
)typ.
50
70
Terminal construction
Pin terminal
Pin terminal
Operating temperature range
–10 to +70°C
–10 to +70°C
Storage temperature range
–20 to +80°C
–20 to +80°C
Sound release
hole
3.2
0.5
5.5
7
•The longer pin is the + side.
Weight: 3.5g
Dimensions in mm
100
90
80
70
60
3000
4000
5000
Frequency(Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com