Electronic Components Datasheet Search
  English  ▼

X  

AC-TCP Datasheet(PDF) 54 Page - Metcal

Part # AC-TCP
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-TCP Datasheet(HTML) 54 Page - Metcal

Back Button AC-TCP Datasheet HTML 50Page - Metcal AC-TCP Datasheet HTML 51Page - Metcal AC-TCP Datasheet HTML 52Page - Metcal AC-TCP Datasheet HTML 53Page - Metcal AC-TCP Datasheet HTML 54Page - Metcal AC-TCP Datasheet HTML 55Page - Metcal AC-TCP Datasheet HTML 56Page - Metcal AC-TCP Datasheet HTML 57Page - Metcal AC-TCP Datasheet HTML 58Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
51
AB
C
D
Omniflex Arms
OmniflexArmsare(Ø63mm)aredesignedfor
higherairflowratesandeffectivefumecapture
fromgreaterdistances.Auniqueball/socket
designprovidesanunmatchedflexibilityin
manoeuvringandpositioning.Thearmscanbe
adjustedinworkinglengthorradius,simplyby
addingorremovingOmniflexcomponents.ESD
conformanceisensuredthroughtheuseoffully
conductivematerial.
Features
•140m3/h(85cfm)airflowrating(varieswithnozzle)
•63mm(2.5")diameter
•0.6m(24")longwithoptionalextensionsof
300mm(12")
BVX Arms
BVXArms(Ø50mm)aremosteconomic
solutionwhileprovidinggoodairflowratesand
highflexibility.Thespiralrolledductcanbe
tightenedinstiffnessandcanbepositioned
precisely.TheBVXArm-K2kitincludesa
mountingplateandc-clampsforuniversal
mounting.AY-connectionpieceisavailableto
connecttwoBVXArmstoonehose.
Part Numbers
A EA1122 OmniflexArmESDwithRectangularNozzle
B EA1124 OmniflexArmESDwithTaperedNozzle
C EA1126 OmniflexArmESDwithLargeHood
350x212mm(14"x8.5")
D AC1101 DamperforOmnflexArm
AC1102
OmniflexArmExtension300mm(12")long
AllOmniflexarmsaresuppliedwithmountingplatesandC-clamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com