Electronic Components Datasheet Search
  English  ▼

X  

UCL Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCL Datasheet(HTML) 2 Page - Nichicon corporation

  UCL Datasheet HTML 1Page - Nichicon corporation UCL Datasheet HTML 2Page - Nichicon corporation UCL Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UCL
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
6.3
(0J)
22
4×5.8
0.26
3
0.85
160
UCL0J220MCL1GS
47
4×5.8
0.26
3
0.85
160
UCL0J470MCL6GS
47
5×5.8
0.26
3
0.36
240
UCL0J470MCL1GS
100
5×5.8
0.26
6.3
0.36
240
UCL0J101MCL6GS
100
6.3×5.8
0.26
6.3
0.26
300
UCL0J101MCL1GS
220
6.3×5.8
0.26
13.86
0.26
300
UCL0J221MCL1GS
330
6.3×7.7
0.26
20.79
0.16
600
UCL0J331MCL1GS
330
8×6.2
0.26
20.79
0.18
500
UCL0J331MCL6GS
470
8×10
0.26
29.61
0.08
850
UCL0J471MNL1GS
470
10×7.7
0.26
29.61
0.10
850
UCL0J471MCL6GS
1000
8×10
0.26
63
0.08
850
UCL0J102MNL1GS
1500
10×10
0.26
94.5
0.06
1190
UCL0J152MNL1GS
1800
10×10
0.26
113.4
0.08
850
UCL0J182MNL1GS
2200
10×13.5
0.26
138.6
0.06
1190
UCL0J222MNL1GS
10
(1A)
22
4×5.8
0.19
3
0.85
160
UCL1A220MCL1GS
33
4×5.8
0.19
3.3
0.85
160
UCL1A330MCL6GS
33
5×5.8
0.19
3.3
0.36
240
UCL1A330MCL1GS
47
6.3×5.8
0.19
4.7
0.26
300
UCL1A470MCL1GS
100
6.3×5.8
0.19
10
0.26
300
UCL1A101MCL1GS
150
6.3×5.8
0.19
15
0.26
300
UCL1A151MCL1GS
220
6.3×7.7
0.19
22
0.16
600
UCL1A221MCL1GS
220
8×6.2
0.19
22
0.18
500
UCL1A221MCL6GS
330
8×10
0.19
33
0.08
850
UCL1A331MNL1GS
330
10×7.7
0.19
33
0.10
850
UCL1A331MCL6GS
470
8×10
0.19
47
0.08
850
UCL1A471MNL1GS
470
10×7.7
0.19
47
0.10
850
UCL1A471MCL6GS
680
8×10
0.19
68
0.08
850
UCL1A681MNL1GS
1000
10×10
0.19
100
0.06
1190
UCL1A102MNL1GS
1200
10×10
0.19
120
0.08
850
UCL1A122MNL1GS
1500
10×13.5
0.19
150
0.06
1190
UCL1A152MNL1GS
16
(1C)
10
4×5.8
0.16
3
0.85
160
UCL1C100MCL1GS
22
4×5.8
0.16
3.52
0.85
160
UCL1C220MCL6GS
22
5×5.8
0.16
3.52
0.36
240
UCL1C220MCL1GS
47
5×5.8
0.16
7.52
0.36
240
UCL1C470MCL6GS
47
6.3×5.8
0.16
7.52
0.26
300
UCL1C470MCL1GS
68
6.3×5.8
0.16
10.88
0.26
300
UCL1C680MCL1GS
100
6.3×5.8
0.16
16
0.26
300
UCL1C101MCL1GS
100
6.3×7.7
0.16
16
0.16
600
UCL1C101MCL6GS
150
6.3×7.7
0.16
24
0.16
600
UCL1C151MCL1GS
220
6.3×7.7
0.16
35.2
0.16
600
UCL1C221MCL1GS
220
8×6.2
0.16
35.2
0.18
500
UCL1C221MCL6GS
330
8×10
0.16
52.8
0.08
850
UCL1C331MNL1GS
330
10×7.7
0.16
52.8
0.10
850
UCL1C331MCL6GS
470
8×10
0.16
75.2
0.08
850
UCL1C471MNL1GS
470
10×7.7
0.16
75.2
0.10
850
UCL1C471MCL6GS
680
10×10
0.16
108.8
0.06
1190
UCL1C681MNL1GS
820
10×10
0.16
131.2
0.08
850
UCL1C821MNL1GS
1000
10×13.5
0.16
160
0.06
1190
UCL1C102MNL1GS
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com