Electronic Components Datasheet Search
  English  ▼

X  

UCP Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCP
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCP Datasheet(HTML) 2 Page - Nichicon corporation

  UCP Datasheet HTML 1Page - Nichicon corporation UCP Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
1 minute
)
400
(2G)
33
10×31.5
0.24
628
330
UCP2G330MPD
56
12.5×31.5
0.24
996
470
UCP2G560MHD
68
12.5×35.5
0.24
1188
540
UCP2G680MHD
82
12.5×40
0.24
1412
620
UCP2G820MHD
100
16×31.5
0.24
1700
710
UCP2G101MHD
120
16×35.5
0.24
2020
800
UCP2G121MHD
150
16×40
0.24
2500
920
UCP2G151MHD
150
18×31.5
0.24
2500
890
UCP2G151MHD6
180
18×40
0.24
2980
1060
UCP2G181MHD
220
18×46
0.24
3620
1200
UCP2G221MHD
420
(W6)
33
10×31.5
0.24
654.4
320
UCPW6330MPD
56
12.5×31.5
0.24
1040.8
460
UCPW6560MHD
100
16×31.5
0.24
1780
690
UCPW6101MHD
120
16×35.5
0.24
2116
780
UCPW6121MHD
120
18×31.5
0.24
2116
800
UCPW6121MHD6
150
18×35.5
0.24
2620
920
UCPW6151MHD
180
18×40
0.24
3124
1040
UCPW6181MHD
450
(2W)
27
10×31.5
0.24
586
300
UCP2W270MPD
47
12.5×31.5
0.24
946
430
UCP2W470MHD
56
12.5×35.5
0.24
1108
490
UCP2W560MHD
68
12.5×40
0.24
1324
560
UCP2W680MHD
82
16×31.5
0.24
1576
640
UCP2W820MHD
100
16×35.5
0.24
1900
730
UCP2W101MHD
120
16×40
0.24
2260
820
UCP2W121MHD
120
18×31.5
0.24
2260
800
UCP2W121MHD6
150
18×40
0.24
2800
970
UCP2W151MHD
180
18×46
0.24
3340
1090
UCP2W181MHD
UCP
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com