Electronic Components Datasheet Search
  English  ▼

X  

S29GL016A Datasheet(PDF) 21 Page - SPANSION

Part # S29GL016A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A Datasheet(HTML) 21 Page - SPANSION

Back Button S29GL016A Datasheet HTML 17Page - SPANSION S29GL016A Datasheet HTML 18Page - SPANSION S29GL016A Datasheet HTML 19Page - SPANSION S29GL016A Datasheet HTML 20Page - SPANSION S29GL016A Datasheet HTML 21Page - SPANSION S29GL016A Datasheet HTML 22Page - SPANSION S29GL016A Datasheet HTML 23Page - SPANSION S29GL016A Datasheet HTML 24Page - SPANSION S29GL016A Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
21
Data
She e t
6.3
S29GL064A Standard Products
Standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the following:
Notes
1. Type 0 is standard. Specify others as required: TSOPs can be packed in Types 0 and 3; BGAs can be packed in Types 0, 2, or 3.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading S29 and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
S29GL064A
90
T
A
I
R1
2
Packing Type
0
= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
Model Number
R1 = x8/x16, VCC=3.0 – 3.6 V, Uniform sector device, highest address sector
protected when WP#/ACC=VIL
R2 = x8/x16, VCC=3.0 – 3.6 V, Uniform sector device, lowest address sector
protected when WP#/ACC=VIL
R3 = x8/x16, VCC=3.0 – 3.6 V, Top boot sector device, top two address sectors
protected when WP#/ACC=VIL
R4 = x8/x16, VCC=3.0 – 3.6 V, Bottom boot sector device, bottom two address
sectors protected when WP#/ACC=VIL
R5 = x16, VCC=3.0 – 3.6 V, Uniform sector device
R6 = x16, VCC=3.0 – 3.6 V, Uniform sector device, highest address sector protected
when WP#=VIL
R7 = x16, VCC=3.0 – 3.6 V, Uniform sector device, lowest address sector protected
when WP#=VIL
R8 = x8/x16, VCC=3.0 – 3.6 V, Uniform sector device, highest address sector
protected when WP#=VIL, TSO48 only
R9 = x8/x16, VCC=3.0 – 3.6 V, Uniform sector device, lowest address sector
protected when WP#=VIL, TSO48 only
Temperature Range
I
= Industrial (–40°C to +85°C)
Package Material Set
A = Standard
F= Pb-Free
Package Type
T
= Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
F
= Fortified Ball-Grid Array Package
Speed Option
See Product Selector Guide on page 9 and Valid Combinations below
Device Number/Description
S29GL064A, 64 Megabit Page-Mode Flash Memory Manufactured using 200 nm MirrorBit® Process Technology, 3.0 Volt-only Read,
Program, and Erase
Table 6.3 S29GL064A Valid Combinations
S29GL064A Valid Combinations
Package Description
Device
Number
Speed
Option
Package, Material &
Temperature Range
Model Number
Packin
g
Type
S29GL064A
90, 10, 11
TAI, TFI
R3, R4, R6, R7, R8, R9
0, 2, 3
(Note 1)
TS048 (Note 2)
TSOP
R1, R2
TS056 (Note 2)
TSOP
BAI, BFI
R3, R4, R5
VBN048 (Note 3)
Fine-pitch BGA
FAI, FFI
R1, R2, R3, R4, R5
LAA064 (Note 3)
Fortified BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com