Electronic Components Datasheet Search
  English  ▼

X  

UCD1C151M Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCD1C151M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD1C151M Datasheet(HTML) 2 Page - Nichicon corporation

  UCD1C151M Datasheet HTML 1Page - Nichicon corporation UCD1C151M Datasheet HTML 2Page - Nichicon corporation UCD1C151M Datasheet HTML 3Page - Nichicon corporation UCD1C151M Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCD
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
6.3
(0J)
22
4×5.8
0.26
3
1.35
90
UCD0J220MCL1GS
27
4×5.8
0.26
3
1.35
90
UCD0J270MCL1GS
33
5×5.8
0.26
3
0.70
160
UCD0J330MCL1GS
47
4×5.8
0.26
3
1.35
90
UCD0J470MCL6GS
47
5×5.8
0.26
3
0.70
160
UCD0J470MCL1GS
56
5×5.8
0.26
3.528
0.70
160
UCD0J560MCL1GS
68
6.3×5.8
0.26
4.284
0.36
240
UCD0J680MCL1GS
100
5×5.8
0.26
6.3
0.70
160
UCD0J101MCL6GS
100
6.3×5.8
0.26
6.3
0.36
240
UCD0J101MCL1GS
150
6.3×5.8
0.26
9.45
0.36
240
UCD0J151MCL1GS
220
6.3×5.8
0.26
13.86
0.36
240
UCD0J221MCL1GS
330
6.3×7.7
0.26
20.79
0.32
290
UCD0J331M□□1GS
330
8×6.2
0.26
20.79
0.26
300
UCD0J331MCL6GS
470
8×10
0.26
29.61
0.16
600
UCD0J471M□□1GS
470
10×7.7
0.26
29.61
0.18
600
UCD0J471MCL6GS
680
8×10
0.26
42.84
0.16
600
UCD0J681M□□1GS
680
10×7.7
0.26
42.84
0.18
600
UCD0J681MCL6GS
1000
8×10
0.26
63
0.16
600
UCD0J102M□□1GS
1500
10×10
0.26
94.5
0.080
850
UCD0J152M□□1GS
2200
10×13.5
0.26
138.6
0.080
950
UCD0J222MNL1GS
3300
12.5×13.5
0.30
207.9
0.080
1100
UCD0J332M□□1MS
10
(1A)
22
4×5.8
0.19
3
1.35
90
UCD1A220MCL1GS
27
5×5.8
0.19
3
0.70
160
UCD1A270MCL1GS
33
4×5.8
0.19
3.3
1.35
90
UCD1A330MCL6GS
33
5×5.8
0.19
3.3
0.70
160
UCD1A330MCL1GS
47
6.3×5.8
0.19
4.7
0.36
240
UCD1A470MCL1GS
56
6.3×5.8
0.19
5.6
0.36
240
UCD1A560MCL1GS
68
6.3×5.8
0.19
6.8
0.36
240
UCD1A680MCL1GS
100
6.3×5.8
0.19
10
0.36
240
UCD1A101MCL1GS
150
6.3×5.8
0.19
15
0.36
240
UCD1A151MCL1GS
220
6.3×7.7
0.19
22
0.32
290
UCD1A221M□□1GS
220
8×6.2
0.19
22
0.26
300
UCD1A221MCL6GS
330
8×10
0.19
33
0.16
600
UCD1A331M□□1GS
330
10×7.7
0.19
33
0.18
600
UCD1A331MCL6GS
470
8×10
0.19
47
0.16
600
UCD1A471M□□1GS
470
10×7.7
0.19
47
0.18
600
UCD1A471MCL6GS
680
10×10
0.19
68
0.080
850
UCD1A681M□□1GS
1000
10×10
0.19
100
0.080
850
UCD1A102M□□1GS
1500
10×13.5
0.19
150
0.080
950
UCD1A152MNL1GS
2200
12.5×13.5
0.21
220
0.080
1100
UCD1A222M□□1MS
16
(1C)
10
4×5.8
0.16
3
1.35
90
UCD1C100MCL1GS
15
4×5.8
0.16
3
1.35
90
UCD1C150MCL1GS
22
4×5.8
0.16
3.52
1.35
90
UCD1C220MCL6GS
22
5×5.8
0.16
3.52
0.70
160
UCD1C220MCL1GS
27
5×5.8
0.16
4.32
0.70
160
UCD1C270MCL1GS
33
6.3×5.8
0.16
5.28
0.36
240
UCD1C330MCL1GS
47
5×5.8
0.16
7.52
0.70
160
UCD1C470MCL6GS
47
6.3×5.8
0.16
7.52
0.36
240
UCD1C470MCL1GS
56
6.3×5.8
0.16
8.96
0.36
240
UCD1C560MCL1GS
68
6.3×5.8
0.16
10.88
0.36
240
UCD1C680MCL1GS
100
6.3×5.8
0.16
16
0.36
240
UCD1C101MCL1GS
Dimensions
□□ : Enter the appropriate configuration code.
CAT.8100N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com