Electronic Components Datasheet Search
  English  ▼

X  

PE01003 Datasheet(PDF) 1 Page - pro-elec

Part # PE01003
Description  Worklight 2 in 1 With Magnet LED 4 × AAA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PE01003 Datasheet(HTML) 1 Page - pro-elec

  PE01003 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.farnell.com
www.cpc.co.uk
Page <1>
V1.0
14/04/16
Worklight 2 in 1
With Magnet LED 4
× AAA
Specifications:
LED
: 20 LED on body and one 0.5W LED on head
Lumen
: For 20 LED is about 80 lumen and for 0.5W LED is about 30 lumen
Life Span of LED
: 1,00,000 hours
Mcd
: 13,000-1,50,000 mcd
Material
: ABS
Product Size
: 32mm × 222mm
Weight
: 77g
Battery
: Use 4AAA battery (not include)
Function
: 0.5W LED on/20LED on/Off
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-ELEC is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Worklight 2 in 1 With Magnet LED 4 × AAA
PE01003


Similar Part No. - PE01003

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PE01003 POLYMAKER-PE01003 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
More results

Similar Description - PE01003

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES5128 CYRUSTEK-ES5128 Datasheet
608Kb / 10P
4-1/2 digit with LED
logo
Bud Industries, Inc.
HH-3630 BUD-HH-3630 Datasheet
21Kb / 1P
BATTERY HOLEDER-2 AAA
logo
List of Unclassifed Man...
12BH410-GR ETC2-12BH410-GR Datasheet
195Kb / 1P
1 AAA Battery Holder with 6 Wire Leads
12BH412-GR ETC2-12BH412-GR Datasheet
84Kb / 1P
1 AAA Battery Holder with PCB Pins
12BH422D-GR ETC2-12BH422D-GR Datasheet
88Kb / 1P
2 AAA Battery Holder with Solder Tabs
12BH423-GR ETC2-12BH423-GR Datasheet
139Kb / 1P
Battery Holder 2 AAA
12BH425-GR ETC2-12BH425-GR Datasheet
77Kb / 1P
2 AAA Battery Holder with Leads
12BH441A-GR ETC2-12BH441A-GR Datasheet
94Kb / 1P
4 AAA Battery Holder with Leads
12BH444-GR ETC2-12BH444-GR Datasheet
83Kb / 1P
4 AAA Battery Holder with Leads
122-0421-GR ETC2-122-0421-GR Datasheet
228Kb / 1P
2 AAA Battery Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com