Electronic Components Datasheet Search
  English  ▼

X  

UCD1K331M Datasheet(PDF) 3 Page - Nichicon corporation

Part # UCD1K331M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD1K331M Datasheet(HTML) 3 Page - Nichicon corporation

  UCD1K331M Datasheet HTML 1Page - Nichicon corporation UCD1K331M Datasheet HTML 2Page - Nichicon corporation UCD1K331M Datasheet HTML 3Page - Nichicon corporation UCD1K331M Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCD
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
16
(1C)
150
6.3×7.7
0.16
24
0.32
290
UCD1C151M□□1GS
220
6.3×7.7
0.16
35.2
0.32
290
UCD1C221M□□1GS
220
8×6.2
0.16
35.2
0.26
300
UCD1C221MCL6GS
330
8×10
0.16
52.8
0.16
600
UCD1C331M□□1GS
330
10×7.7
0.16
52.8
0.18
600
UCD1C331MCL6GS
470
8×10
0.16
75.2
0.16
600
UCD1C471M□□1GS
470
10×7.7
0.16
75.2
0.18
600
UCD1C471MCL6GS
680
10×10
0.16
108.8
0.080
850
UCD1C681M□□1GS
1000
10×13.5
0.16
160
0.080
950
UCD1C102MNL1GS
1500
12.5×13.5
0.16
240
0.080
1100
UCD1C152M□□1MS
25
(1E)
10
4×5.8
0.14
3
1.35
90
UCD1E100MCL1GS
15
5×5.8
0.14
3.75
0.70
160
UCD1E150MCL1GS
22
5×5.8
0.14
5.5
0.70
160
UCD1E220MCL1GS
27
6.3×5.8
0.14
6.75
0.36
240
UCD1E270MCL1GS
33
5×5.8
0.14
8.25
0.70
160
UCD1E330MCL6GS
33
6.3×5.8
0.14
8.25
0.36
240
UCD1E330MCL1GS
47
6.3×5.8
0.14
11.75
0.36
240
UCD1E470MCL1GS
56
6.3×5.8
0.14
14
0.36
240
UCD1E560MCL1GS
68
6.3×5.8
0.14
17
0.36
240
UCD1E680MCL1GS
100
6.3×7.7
0.14
25
0.32
290
UCD1E101M□□1GS
100
8×6.2
0.14
25
0.26
300
UCD1E101MCL6GS
150
8×10
0.14
37.5
0.16
600
UCD1E151M□□1GS
150
10×7.7
0.14
37.5
0.18
600
UCD1E151MCL6GS
220
8×10
0.14
55
0.16
600
UCD1E221M□□1GS
220
10×7.7
0.14
55
0.18
600
UCD1E221MCL6GS
330
8×10
0.14
82.5
0.16
600
UCD1E331M□□1GS
470
10×10
0.14
117.5
0.080
850
UCD1E471M□□1GS
680
10×13.5
0.14
170
0.080
950
UCD1E681MNL1GS
1000
12.5×13.5
0.14
250
0.080
1100
UCD1E102M□□1MS
2200
16×16.5
0.16
550
0.035
1800
UCD1E222M□□1MS
35
(1V)
4.7
4×5.8
0.12
3
1.35
90
UCD1V4R7MCL1GS
10
4×5.8
0.12
3.5
1.35
90
UCD1V100MCL6GS
10
5×5.8
0.12
3.5
0.70
160
UCD1V100MCL1GS
22
5×5.8
0.12
7.7
0.70
160
UCD1V220MCL1GS
33
6.3×5.8
0.12
11.55
0.36
240
UCD1V330MCL1GS
47
6.3×5.8
0.12
16.45
0.36
240
UCD1V470MCL1GS
68
6.3×7.7
0.12
23.8
0.32
290
UCD1V680M□□1GS
100
6.3×7.7
0.12
35
0.32
290
UCD1V101M□□6GS
100
8×10
0.12
35
0.16
600
UCD1V101M□□1GS
150
8×10
0.12
52.5
0.16
600
UCD1V151M□□1GS
150
10×7.7
0.12
52.5
0.18
600
UCD1V151MCL6GS
220
8×10
0.12
77
0.16
600
UCD1V221M□□1GS
220
10×7.7
0.12
77
0.18
600
UCD1V221MCL6GS
330
10×10
0.12
115.5
0.080
850
UCD1V331M□□1GS
470
10×13.5
0.12
164.5
0.080
950
UCD1V471MNL6GS
470
12.5×13.5
0.12
164.5
0.080
1100
UCD1V471M□□1MS
680
12.5×13.5
0.12
238
0.080
1100
UCD1V681M□□1MS
1000
16×16.5
0.12
350
0.035
1800
UCD1V102M□□1MS
50
(1H)
1
4×5.8
0.10
3
2.70
60
UCD1H010MCL1GS
2.2
4×5.8
0.10
3
2.70
60
UCD1H2R2MCL1GS
3.3
4×5.8
0.10
3
2.70
60
UCD1H3R3MCL1GS
Dimensions
□□ : Enter the appropriate configuration code.
CAT.8100N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com