Electronic Components Datasheet Search
  English  ▼

X  

PET20 Datasheet(PDF) 1 Page - Pro-Power

Part # PET20
Description  Braided Sleeving PET Expandable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PET20 Datasheet(HTML) 1 Page - Pro-Power

  PET20 Datasheet HTML 1Page - Pro-Power PET20 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.1
06/04/16
Braided Sleeving
PET Expandable
Description:
This product is Polyester monofilament expandable sleeving.
This expandable braided sleeving, made of lightweight but tough polyester
mono filaments, offers an economical answer to installing, protecting, strengthening,
enhancing and assembling over bundles, wires, cables and flexible piping.
The push back effect of this product enables it to cover a wide range of sizes with
only few references and allows for easy application.
With continuous working temperatures of -50°C up to +150°C and resistance
to most chemicals, it can be used in hostile conditions and is suitable for all
industries. Moreover, it is self-extinguishing due to its braided construction.
Specifications:
Working temperature
: -50°C up to +150°C
Standard colours
: Black, Grey
Technical Characteristics:
Standard Requirements
Test Methods
Physical
Monofilament
Polyester – Size : 0.22 mm
-
Working temperature
-50°C up to +150°C
-
Withstand peaks
+220°C
-
Melting point
+250°C
-
Flame resistance
Pass
Flame requirements of:
CEI 332-1 and FMVSS 302 (Type A).
I2 according to NF F16-101.
Chemical
Oxygen index limit
34%
-
Fume toxicity
Pass
CEI 754-1 and CEI 754-2.
Halogen-free.
Fume opacity
Pass
NF C 20452 (Polymer).
Chemical resistance
Unaffected by most chemicals
-
Cutting:
Couplers or lengths.
Packaging:
Coils fastened with ties under plastic wrapping.
Dimension Data
Reference
Size
Range of use advised (mm)
Expansion Ø max. (**) (mm)
Weight (*) g / 100m
PET3
3
1 up to 5
7
395
PET4
4
2 up to 7
9
445
PET5
5
3 up to 9
12
515


Similar Part No. - PET20

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PET20 MULTICOMP-PET20 Datasheet
199Kb / 2P
Braided Sleeving PET Expandable
04/12/20 V1.0
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
Full digital controls for improved performance
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 33P
AC-DC FRONT-END POWER SUPPLY
PET2000-12-074NAA BEL-PET2000-12-074NAA Datasheet
2Mb / 33P
AC-DC FRONT-END POWER SUPPLY
PET2000-12-074NAC BEL-PET2000-12-074NAC Datasheet
2Mb / 33P
AC-DC FRONT-END POWER SUPPLY
More results

Similar Description - PET20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-22992 ETC-MIL-C-22992 Datasheet
229Kb / 6P
Braided Adapters
LDECA2270 ETC1-LDECA2270 Datasheet
499Kb / 8P
PEN-PET H.T
logo
Glenair, Inc.
102-001-004 GLENAIR-102-001-004 Datasheet
63Kb / 1P
Expandable Fabric Tubular Braided Sleeving
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
PET FR530
ETD34-K-H-14P-DS FERYSTER-ETD34-K-H-14P-DS Datasheet
424Kb / 1P
PET Polyethylene Terephthalate
ETD39-K-H-16P-DS FERYSTER-ETD39-K-H-16P-DS Datasheet
378Kb / 1P
PET Polyethylene Terephthalate
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
PET FR530
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
04-ESNF125-10 OENINDIA-04-ESNF125-10 Datasheet
188Kb / 1P
No-Fray Expandable Braided Polyester Sleeving
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com