Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC175AMDREP.A Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LBC175AMDREP.A
Description  SN65LBC175A-EP Quadruple RS-485 Differential Line Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC175AMDREP.A Datasheet(HTML) 4 Page - Texas Instruments

  SN65LBC175AMDREP.A Datasheet HTML 1Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 2Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 3Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 4Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 5Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 6Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 7Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 8Page - Texas Instruments SN65LBC175AMDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SN65LBC175A-EP
SLLSEU5 – DECEMBER 2016
www.ti.com
Product Folder Links: SN65LBC175A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to GND and are steady-state (unless otherwise specified).
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
(2)
–0.3
6
V
Voltage at any bus input (steady state), A and B
–10
15
V
Voltage at any bus (transient pulse through 100
Ω, see Figure 10)
–30
30
V
Input voltage at 1,2EN and 3,4EN, VI
–0.5
VCC + 0.5
V
Receiver output current, IO
–10
10
mA
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
A and B to GND
±6000
V
All pins
±5000
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
All pins
±2000
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
Voltage at any bus terminal
A, B
–7
12
V
VIH
High-level input voltage
EN
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
Output current
Y
–8
8
mA
TJ
Junction temperature
–55
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN65LBC175A-EP
UNITS
D (SOIC)
16 PINS
θJA
Junction-to-ambient thermal resistance
78
°C/W
θJCtop
Junction-to-case (top) thermal resistance
39.5
°C/W
θJB
Junction-to-board thermal resistance
35.4
°C/W
ψJT
Junction-to-top characterization parameter
8.5
°C/W
ψJB
Junction-to-board characterization parameter
35.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com