Electronic Components Datasheet Search
  English  ▼

X  

PV24S Datasheet(PDF) 1 Page - Alfatronix Ltd

Part # PV24S
Description  24VDC TO 12VDC VOLTAGE CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFATRONIX [Alfatronix Ltd]
Direct Link  https://www.alfatronix.com/
Logo ALFATRONIX - Alfatronix Ltd

PV24S Datasheet(HTML) 1 Page - Alfatronix Ltd

  PV24S Datasheet HTML 1Page - Alfatronix Ltd PV24S Datasheet HTML 2Page - Alfatronix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERVERTER
24VDC TO 12VDC VOLTAGE CONVERTERS
24VDC TO 12VDC VOLTAGE CONVERTERS
These products offer a convenient way to operate mass produced 12Vdc equipment
such as cell phones, in car entertainment, professional communications, telematics
equipment, refrigerators, televisions etc. from the 24Vdc mobile electrical systems
found on diesel engined vehicles and vessels.
FAST INSTALLATION
All the units consume an off load current of less than 15mA, which is probably less
than the self discharge current of the vehicle’s battery. In most cases this can be
ignored, speeding the installation by removing the need to fit a remote switch.
All products fit onto a “Click ‘n’ Fit” mounting clip which is fixed in three points
allowing it to be mounted on uneven surfaces. It is easy to fit the clip into awkward
places and then simply click the unit into position.
A fixing kit for din rail installation is also available.
A green LED indicates when there is output from the converter. This gives
reassurance to the installation engineer and speeds fault finding.
PV50s, 50Amp converter
Galvanically isolated units are suitable for
marine applications and come complete
with the green tamperproof label for
petrochemical applications.
Many units in the PowerVerter range are also available as IP65 Versions. Please add the suffix -RU to the part number when ordering.
A COMPREHENSIVE
RANGE
There are 14 products in the range
from 3A to 50A in isolated or common
earth configurations. They have been
optimised for high volume 24Vdc to
12Vdc applications such as on heavy
goods vehicles, coaches, buses, forestry
and agricultural vehicles, as well as
commercial and leisure marine vehicles.
TAMPER PROOF
These units are IP53, so there are no
ventilation holes to permit stray objects,
dust or water droplets to enter the case,
there are no external fuses to be
tampered with. Fuses will only blow if
there is a fault so there is no need to
make them accessible.
PRODUCT VARIANTS
Many PowerVerters and DD Series
products can be configured with
alternative output voltages etc. for
specialist applications. Please call our
sales team to discuss your requirements.


Similar Part No. - PV24S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV2400FC ETC2-PV2400FC Datasheet
518Kb / 4P
PowerVerter짰 Plus 2400W Industrial-Strength Inverter with 2 Outlets
More results

Similar Description - PV24S

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12T TAOS-TSL12T Datasheet
214Kb / 14P
LIGHT-TO-VOLTAGE CONVERTERS
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
LIGHT-TO-VOLTAGE CONVERTERS
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
Light-to-Voltage Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com