Electronic Components Datasheet Search
  English  ▼

X  

MIC94080 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC94080
Description  67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94080 Datasheet(HTML) 3 Page - Microchip Technology

  MIC94080 Datasheet HTML 1Page - Microchip Technology MIC94080 Datasheet HTML 2Page - Microchip Technology MIC94080 Datasheet HTML 3Page - Microchip Technology MIC94080 Datasheet HTML 4Page - Microchip Technology MIC94080 Datasheet HTML 5Page - Microchip Technology MIC94080 Datasheet HTML 6Page - Microchip Technology MIC94080 Datasheet HTML 7Page - Microchip Technology MIC94080 Datasheet HTML 8Page - Microchip Technology MIC94080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MIC94080/1/2/3/4/5
January 2011
3
M9999-013111-D
Absolute Maximum Ratings(1)
Input Voltage (VIN)........................................................+6V
Enable Voltage (VEN) ...................................................+6V
Continuous Drain Current (ID)
(3)
TA = 25°C .............................................................. ±2A
TA = 85°C ........................................................... ±1.5A
Pulsed Drain Current (IDP)
(4) ...................................... ±6.0A
Continuous Diode Current (IS)
(5).............................. –50mA
Storage Temperature (Ts) ....................... –55°C to +150°C
ESD Rating – HBM
(6).................................................... 3kV
Operating Ratings(2)
Input Voltage (VIN)....................................... +1.7 to +5.5V
Junction Temperature (TJ) .....................–40°C to +125°C
Package Thermal Resistance
0.85mm x 0.85mm Thin MLF
®
(
θJA) .......................................................140°C/W
(
θJC) .........................................................85°C/W
Electrical Characteristics
TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEN_TH
Enable Threshold Voltage
VIN = 1.7V to 4.5V, ID = –250µA
0.4
1.25
V
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94080/1
0.1
1
IQ
Quiescent Current
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94082/3/4/5
8
15
µA
IEN
Enable Input Current
VIN = VEN = 5.5V, ID = OPEN
2.8
4
µA
ISHUT-Q
Quiescent Current (shutdown)
VIN = +5.5V, VEN = 0V, ID = OPEN
Measured on VIN
(7)
0.02
1
µA
ISHUT-SWITCH
OFF State Leakage Current
VIN = +5.5V, VEN = 0V, ID = SHORT
Measured on VOUT,
(7)
0.02
1
µA
VIN = +5.0V, ID = –100mA, VEN = 1.5V
67
115
mΩ
VIN = +4.5V, ID = –100mA, VEN = 1.5V
70
130
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
80
165
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
110
225
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
175
350
mΩ
RDS(ON)
P-Channel Drain to Source ON
Resistance
VIN = +1.7V, ID = –100mA, VEN = 1.5V
200
375
mΩ
RSHUTDOWN
Turn-Off Resistance
VIN = +3.6V, ITEST = 1mA, VEN = 0V
MIC94081/3/5
250
400
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. With thermal contact to PCB. See thermal considerations section.
4. Pulse width <300µs with < 2% duty cycle.
5. Continuous body diode current conduction (reverse conduction, i.e. VOUT to VIN) is not recommended.
6. Devices are ESD sensitive. Handling precautions recommended. HBM (Human body model), 1.5kΩ in series with 100pF.
7. Measured on the MIC94080YFT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com