Electronic Components Datasheet Search
  English  ▼

X  

74LVQ32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVQ32
Description  QUAD 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ32 Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ32 Datasheet HTML 1Page - STMicroelectronics 74LVQ32 Datasheet HTML 2Page - STMicroelectronics 74LVQ32 Datasheet HTML 3Page - STMicroelectronics 74LVQ32 Datasheet HTML 4Page - STMicroelectronics 74LVQ32 Datasheet HTML 5Page - STMicroelectronics 74LVQ32 Datasheet HTML 6Page - STMicroelectronics 74LVQ32 Datasheet HTML 7Page - STMicroelectronics 74LVQ32 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ32
QUAD 2-INPUT OR GATE
February 1999
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 3.3V
s
COMPATIBLEWITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.3 V (TYP.) at VCC =3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 32
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ32 is a low voltage CMOS QUAD
2-INPUT OR GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
The internal circuit is composed of 2 stages
including buffer output, which enables high noise
immunity and stable output.
It has better speed performance at 3.3V than 5V
LS-TTL family combined with the true CMOS low
power consumption.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74LVQ32M
74LVQ32T
M
(Micro Package)
T
(TSSOP Package)
1/8


Similar Part No. - 74LVQ32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
29-Jul-2004
74LVQ32MTR STMICROELECTRONICS-74LVQ32MTR Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
29-Jul-2004
logo
Fairchild Semiconductor
74LVQ32SC FAIRCHILD-74LVQ32SC Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
More results

Similar Description - 74LVQ32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
Quad 2-Input OR Gate
logo
Fairchild Semiconductor
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com