Electronic Components Datasheet Search
  English  ▼

X  

AX60530 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX60530
Description  6-slot ShoeBox Chassis
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX60530 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX60530 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
463
* All specifications and photos are subject to change without notice.
Rear view
Interior view
Specifications
Standard Color
Beige (PANTONE 414C)
Construction
Heavy-duty steel
Drive Capacity
Exposed 1 x slim CD-ROM and 1 x 3.5" HDD drive
bay,internal 1 x 3.5" HDD drive bay
Cooling
1 x 8 cm ball- bearing fan (38.6 CFM/each) with a removable
filter
Front Panel Indicators
1 x power, 1 x HDD Front
Panel Controls
1 x system reset; 1 x power on/off
Front Panel Connectors
2 x USB & 1 x PS/2
Pre-punched Panel
2 x 9-pin & 1 x 25-pin
System Board
Half-size SBCs
Expansion Interface
6-slot ISA or PCI backplane
Hold-down Clamp
Rubber cushion
Operating Temperature
0°C to +40°C (+32°F to +113°F)
Dimensions
191 mm (7.5") (W) x 273 mm (10.8") (D) x 195.7 mm (7.7") (H)
Weight (net/gross)
5.4 kg (11.9 lb)/6.8 kg (15 lb)
Ordering Information
AX60530WB/X250P
With ATX 250W power supply
AX60530WB/X300P
With ATX 300W power supply
*Specifications and certifications are based on options and may vary.
Backplane Options
Dimensions
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
HAB206
0/3/1/1
Single
PICMG 1.3
AX60530
● Compact design for embedded applications
● Supports half-size SBCs
● Exposed one slim CD-ROM & one 3.5" HDD drive bay; internal
one 3.5" HDD drive bay
● Equipped with ATX 250W or 300W power supplyn
● Easy-removable cooling fan
Features
6-slot ShoeBox Chassis
Updated Dec. 05, 2024.


Similar Part No. - AX60530

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530 Datasheet
186Kb / 1P
Supports half-size SBCs
AX60530WB AXIOMTEK-AX60530WB Datasheet
165Kb / 1P
Compact design for embedded applications
AX60530WB/X200P AXIOMTEK-AX60530WB/X200P Datasheet
186Kb / 1P
Supports half-size SBCs
AX60530WB/X270P AXIOMTEK-AX60530WB/X270P Datasheet
186Kb / 1P
Supports half-size SBCs
AX60530WBX200P AXIOMTEK-AX60530WBX200P Datasheet
165Kb / 1P
Compact design for embedded applications
More results

Similar Description - AX60530

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
6/8-Slot Desktop/Wallmount Chassis
logo
Axiomtek Co., Ltd.
AX60501 AXIOMTEK-AX60501_16 Datasheet
228Kb / 1P
6-slot ShoeBox Chassis
AX60551 AXIOMTEK-AX60551_16 Datasheet
129Kb / 1P
8-slot ShoeBox Chassis
AX60552 AXIOMTEK-AX60552_16 Datasheet
396Kb / 2P
8-Slot ShoeBox Chassis
AX60501 AXIOMTEK-AX60501_17 Datasheet
225Kb / 1P
6-slot ShoeBox Chassis
AX60530 AXIOMTEK-AX60530_17 Datasheet
161Kb / 1P
6-slot ShoeBox Chassis
AX60551 AXIOMTEK-AX60551_17 Datasheet
307Kb / 2P
8-slot ShoeBox Chassis
AX60552 AXIOMTEK-AX60552_17 Datasheet
395Kb / 2P
8-Slot ShoeBox Chassis
logo
Adlink Technology Inc.
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
3U CompactPCI 6-slot Cubic Chassis
logo
Advantech Co., Ltd.
IPC-6806S-D ADVANTECH-IPC-6806S-D_V01 Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com