Electronic Components Datasheet Search
  English  ▼

X  

AX61410WM Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX61410WM
Description  Backplane Version: 4U 14-slot Rackmount Chassis for Full-size SHB/SBC Series Motherboard Version: 4U 7-slot Rackmount Chassis for ATX/Micro-ATX Motherboard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX61410WM Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX61410WM Datasheet HTML 1Page - Axiomtek Co., Ltd. AX61410WM Datasheet HTML 2Page - Axiomtek Co., Ltd. AX61410WM Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AX61410
Backplane Version: 4U 14-slot Rackmount Chassis for Full-size SHB/SBC Series Motherboard Version:
4U 7-slot Rackmount Chassis for ATX/Micro-ATX Motherboard
Features
Specifications
Rear view
Front view
Top view
Supports ATX or
redundant PSU
1 x 12 cm DC fan
Standard Color
Black/Beige
Construction
Heavy-duty steel
System Board
TM version
ATX or Micro-ATX motherboard
TB version
PICMG- SBC/SHB Series
Drive Capacity
External
3 x 5.25” HDD drive bay
1 x 3.5” HDD drive bay
Internal
1 x 3.5'' HDD
Cooling
1 x 12 cm DC fan with a removable filter
Front Panel Indicators
1 x Power
1 x HDD
Front Panel Controls
1 x Power on/off
1 x System reset
Front Panel Connector 2 x USB (default)
2 x USB (optional)
Operating Temperature 0°C to +40°C (+32°F to +104°F)
Dimensions
479.3 ± 1.0mm (18.87") (W) x 447.85 ± 1.0mm (18.63") (D) x 177 ±1.0mm (6.97") (H)
Weight (net/gross)
18 kg (39.68 lb)/19.5 kg (43 lb)
Speaker
Optional
Rear Panel
2 x COM opening, 2 x flexible I/O opening
● Three 5.25”HDD and one 3.5” HDD drive bays
● ATX or redundant power supply (optional)
● Lockable front door
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
Updated May. 29, 2024.


Similar Part No. - AX61410WM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61400 AXIOMTEK-AX61400 Datasheet
298Kb / 2P
One 12cm ball-bearing fan
AX61400 AXIOMTEK-AX61400 Datasheet
539Kb / 2P
4U 14-slot Rackmount Chassis
2018
AX61400TB AXIOMTEK-AX61400TB Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
AX61400TB/X300 AXIOMTEK-AX61400TB/X300 Datasheet
539Kb / 2P
4U 14-slot Rackmount Chassis
2018
AX61400TB/X400 AXIOMTEK-AX61400TB/X400 Datasheet
539Kb / 2P
4U 14-slot Rackmount Chassis
2018
More results

Similar Description - AX61410WM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
IPC-610-F ADVANTECH-IPC-610-F Datasheet
863Kb / 2P
4U 15-Slot Rackmount Chassis with ATX Motherboard Option
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
ACP-4020 ADVANTECH-ACP-4020 Datasheet
1Mb / 2P
348mm Depth 4U Rackmount Chassis for Half-size SBC or ATX Motherboard
ACP-4340 ADVANTECH-ACP-4340 Datasheet
1Mb / 2P
4U Rackmount Chassis for Full-size SHB/SBC
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com