Electronic Components Datasheet Search
  English  ▼

X  

ISD1610BPI Datasheet(PDF) 9 Page - Winbond

Part # ISD1610BPI
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1610BPI Datasheet(HTML) 9 Page - Winbond

Back Button ISD1610BPI Datasheet HTML 5Page - Winbond ISD1610BPI Datasheet HTML 6Page - Winbond ISD1610BPI Datasheet HTML 7Page - Winbond ISD1610BPI Datasheet HTML 8Page - Winbond ISD1610BPI Datasheet HTML 9Page - Winbond ISD1610BPI Datasheet HTML 10Page - Winbond ISD1610BPI Datasheet HTML 11Page - Winbond ISD1610BPI Datasheet HTML 12Page - Winbond ISD1610BPI Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISD1600B SERIES
Publication Release Date: Jan. 23, 2007
- 9 -
Revision 1.2
6. FUNCTIONAL DESCRIPTION
6.1. DETAILED DESCRIPTION
6.1.1 Audio Quality
Winbond’s patented ChipCorder
® MLS technology provides natural high quality record and
playback solution on a single chip. The input audio signals are stored directly into the non-
volatile memory and are reproduced in its natural form without any compression artifacts
caused by the digital speech solutions. A complete sample is stored in a single cell,
minimizing the memory needed to store a single message.
6.1.2 Duration
The ISD1600B series offer single-chip solution with record & playback duration from 6.6
seconds to 40 seconds. Sampling frequency and duration are determined by an external
resistor connected to the Rosc pin.
Sampling Frequency
Rosc
ISD1610B
ISD1612B
ISD1616B
ISD1620B
12 KHz
53 k
Ω
6.6 secs
8 secs
10.6 secs
13.3 secs
8 KHz
80 k
Ω
10 secs
12 secs
16 secs
20 secs
6.4 KHz
100 k
Ω
12.5 secs
15 secs
20 secs
25 secs
5.3 KHz
120 k
Ω
15 secs
18 secs
24 secs
30 secs
4 KHz
160 k
Ω
20 secs
24 secs
32 secs
40 secs
6.1.3 Flash Storage
The ISD1600B product utilizes the on-chip Flash memory providing zero-power message
storage. The message is retained for up to 100 years without power. In addition, the device
can be re-recorded typically over 100,000 times.
6.1.4 Basic Operation
The ISD1600B ChipCorder
® device is controlled by either the REC , or one of the two
playback modes, PLAYE and PLAYL . The ISD1600B parts are configured for simple design
in single-message application. Detailed operations are explained in Section 6.2.
6.1.5 vAlert
With vAlert option, after Record, the LED blinks slowly to indicate a new message exists.
Once playback is performed, the LED will not blink again and resume to normal operating
conditions.
6.1.6 Automatic Power-Down Mode
At the end of a playback or record cycle, the ISD1600B device automatically enters into a low-
power mode, consuming typically 1µA, provided that PLAYE , PLAYL and REC are High
(see DC parameters Section). During a playback cycle, the device powers down automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com