Electronic Components Datasheet Search
  English  ▼

X  

4161 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 4161
Description  Ethernet to 16-Port RS-232 Serial Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

4161 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  4161 Datasheet HTML 1Page - Sealevel Systems, Inc. 4161 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ethernet to 16-Port RS-232 Serial Server
Easily communicate with up to 16 serial devices over an Ethernet network with the 4161 Ethernet serial server. Each RS-232 port
implements all common modem control signals for maximum compatibility with a wide range of peripherals. SeaLINK® products
use industry-standard RFC 2217 TCP/IP protocol for maximizing compatibility with the widest range of applications and devices.
Sealevel’s SeaLINK software drivers and utilities make installation and operation easy using Microsoft Windows operating systems.
After software installation, the 4161’s serial ports appear as virtual COM ports to the host machine. Standard serial operating calls
are transparently redirected to the 4161, guaranteeing compatibility with legacy serial devices and enabling backward compatibility
with existing software. Serial tunneling is also supported, allowing two native serial devices to communicate over a network.
Alternatively, raw data socket mode is supported, eliminating the need for a driver.
Housed in rugged 1U rackmount metal enclosures, 4161 devices are suitable for a variety of applications and environments. Power
indicator LEDs are included on both the front and rear of the enclosure, and each of the 16 RJ45 serial connectors provides both Tx
and Rx LED indicators to assist in troubleshooting. Standard operating temperature range is 0°C to 70°C, and extended temperature
(-40°C to 85°C) models are available.
To simplify installation and configuration, a printed copy of the SeaLINK QuickStart Guide is included with all Ethernet serial server
orders.
Part: 4161 | Model: SeaLINK+16.232
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 4161

ManufacturerPart #DatasheetDescription
logo
Heyco.
4161 HEYCO-4161 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Molex Electronics Ltd.
4161-1 MOLEX1-4161-1 Datasheet
77Kb / 2P
100 KK짰 Polarizing Key
logo
List of Unclassifed Man...
416100520-3 ETC2-416100520-3 Datasheet
82Kb / 2P
All dimensions are in mm
logo
Molex Electronics Ltd.
416102 MOLEX1-416102 Datasheet
70Kb / 2P
100 KK짰 Polarizing Peg, 10 Circuits
logo
Multicomp Pro
41612-32AB-FS MULTICOMP-41612-32AB-FS Datasheet
236Kb / 2P
2.54mm Socket - DIN41612 Double Row
24/11/20 V1.0
More results

Similar Description - 4161

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
4-port RS-232/422/485 Serial Device Server
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524_15 Datasheet
621Kb / 2P
4-port RS-232/422/485 Serial Device Server
logo
WIZnet Co., Ltd
WIZ125SR WIZNET-WIZ125SR Datasheet
368Kb / 8P
2 Port RS-232 to Ethernet
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
MSD-SRP2XM-PRO COOLGEAR-MSD-SRP2XM-PRO Datasheet
278Kb / 2P
2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power
7/9/2021
MSD-SRP2XM-TBPRO COOLGEAR-MSD-SRP2XM-TBPRO Datasheet
303Kb / 3P
2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power w/Terminal Block
7/8/21
MSD-SRP4XM-PRO COOLGEAR-MSD-SRP4XM-PRO Datasheet
306Kb / 2P
4-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/9/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com