Electronic Components Datasheet Search
  English  ▼

X  

UPM Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM Datasheet(HTML) 2 Page - Nichicon corporation

  UPM Datasheet HTML 1Page - Nichicon corporation UPM Datasheet HTML 2Page - Nichicon corporation UPM Datasheet HTML 3Page - Nichicon corporation UPM Datasheet HTML 4Page - Nichicon corporation UPM Datasheet HTML 5Page - Nichicon corporation UPM Datasheet HTML 6Page - Nichicon corporation UPM Datasheet HTML 7Page - Nichicon corporation UPM Datasheet HTML 8Page - Nichicon corporation UPM Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
6.3
(0J)
390
8×11.5
0.22
73.71
0.17
0.34
445
345
 UPM0J391MPD
470
8×15
0.22
88.83
0.14
0.28
550
440
 UPM0J471MPD
470
10×12.5
0.22
88.83
0.14
0.28
635
505
 UPM0J471MPD6
560
8×15
0.22
105.84
0.12
0.24
595
485
 UPM0J561MPD
560
10×12.5
0.22
105.84
0.13
0.26
670
545
 UPM0J561MPD6
680
8×20
0.22
128.52
0.10
0.20
730
605
 UPM0J681MPD
680
10×16
0.22
128.52
0.11
0.22
825
685
 UPM0J681MPD6
820
8×20
0.22
154.98
0.085
0.17
795
675
 UPM0J821MPD
820
10×16
0.22
154.98
0.095
0.19
840
715
 UPM0J821MPD6
1000
10×20
0.22
189
0.075
0.15
950
820
 UPM0J102MPD
1000
12.5×15
0.22
189
0.085
0.17
890
770
 UPM0J102MHD6
1200
10×20
0.22
226.8
0.065
0.13
1060
930
 UPM0J122MPD
1200
12.5×15
0.22
226.8
0.075
0.15
950
835
 UPM0J122MHD6
1500
10×25
0.22
283.5
0.055
0.11
1260
1130
 UPM0J152MPD
1500
12.5×15
0.22
283.5
0.065
0.13
1020
915
 UPM0J152MHD6
1800
10×30.5
0.22
340.2
0.050
0.10
1370
1230
 UPM0J182MPD
1800
16×15
0.22
340.2
0.055
0.11
1270
1140
 UPM0J182MHD6
2200
10×30.5
0.24
415.8
0.043
0.086
1470
1320
 UPM0J222MPD
2200
16×15
0.24
415.8
0.049
0.098
1340
1200
 UPM0J222MHD6
2700
12.5×25
0.24
510.3
0.038
0.076
1700
1530
 UPM0J272MHD
2700
18×15
0.24
510.3
0.044
0.088
1500
1350
 UPM0J272MHD6
3300
12.5×25
0.26
623.7
0.034
0.068
1710
1530
 UPM0J332MHD
3300
18×15
0.26
623.7
0.039
0.078
1600
1440
 UPM0J332MHD6
3900
12.5×30.5
0.26
737.1
0.031
0.062
1980
1780
 UPM0J392MHD
3900
16×20
0.26
737.1
0.036
0.072
1770
1590
 UPM0J392MHD6
4700
12.5×35.5
0.28
888.3
0.028
0.056
2230
2000
 UPM0J472MHD
4700
18×20
0.28
888.3
0.032
0.064
1920
1720
 UPM0J472MHD6
5600
12.5×40
0.30
1058.4
0.026
0.052
2460
2210
 UPM0J562MHD
5600
18×20
0.30
1058.4
0.030
0.060
1980
1780
 UPM0J562MHD6
6800
16×30.5
0.32
1285.2
0.024
0.048
2510
2250
 UPM0J682MHD
6800
18×25
0.32
1285.2
0.027
0.054
2350
2110
 UPM0J682MHD6
8200
16×35.5
0.36
1549.8
0.022
0.044
2770
2490
 UPM0J822MHD
8200
18×30.5
0.36
1549.8
0.025
0.050
2600
2340
 UPM0J822MHD6
10000
16×40
0.40
1890
0.020
0.040
3110
2790
 UPM0J103MHD
10000
18×30.5
0.40
1890
0.023
0.046
2720
2440
 UPM0J103MHD6
12000
18×35.5
0.44
2268
0.019
0.038
3050
2740
 UPM0J123MHD
15000
18×40
0.50
2835
0.018
0.036
3300
2970
 UPM0J153MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com