Electronic Components Datasheet Search
  English  ▼

X  

UPS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS Datasheet(HTML) 2 Page - Nichicon corporation

  UPS Datasheet HTML 1Page - Nichicon corporation UPS Datasheet HTML 2Page - Nichicon corporation UPS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPS
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
6.3
(0J)
470
8×11.5
0.24
88.83
0.28
410
 UPS0J471MPD
680
10×12.5
0.24
128.52
0.19
600
 UPS0J681MPD
1000
10×12.5
0.24
189
0.19
600
 UPS0J102MPD
1500
10×20
0.24
283.5
0.11
1000
 UPS0J152MPD
2200
12.5×20
0.26
415.8
0.075
1250
 UPS0J222MHD
3300
12.5×20
0.28
623.7
0.075
1250
 UPS0J332MHD
4700
16×25
0.30
888.3
0.038
1900
 UPS0J472MHD
6800
16×25
0.34
1285.2
0.038
1900
 UPS0J682MHD
10000
16×30.5
0.42
1890
0.033
2350
 UPS0J103MHD
15000
18×35.5
0.52
2835
0.030
2700
 UPS0J153MHD
10
(1A)
330
8×11.5
0.20
99
0.28
410
 UPS1A331MPD
470
8×11.5
0.20
141
0.28
410
 UPS1A471MPD
680
10×12.5
0.20
204
0.19
600
 UPS1A681MPD
1000
10×16
0.20
300
0.14
800
 UPS1A102MPD
1500
10×20
0.20
450
0.11
1000
 UPS1A152MPD
2200
12.5×20
0.22
660
0.075
1250
 UPS1A222MHD
3300
12.5×25
0.24
990
0.057
1550
 UPS1A332MHD
4700
16×25
0.26
1410
0.038
1900
 UPS1A472MHD
6800
16×30.5
0.30
2040
0.033
2350
 UPS1A682MHD
10000
18×35.5
0.38
3000
0.030
2700
 UPS1A103MHD
15000
18×40
0.48
4500
0.027
3300
 UPS1A153MHD
16
(1C)
220
8×11.5
0.16
105.6
0.28
410
 UPS1C221MPD
330
8×11.5
0.16
158.4
0.28
410
 UPS1C331MPD
470
10×12.5
0.16
225.6
0.19
600
 UPS1C471MPD
680
10×16
0.16
326.4
0.14
800
 UPS1C681MPD
1000
10×20
0.16
480
0.11
1000
 UPS1C102MPD
1500
12.5×20
0.16
720
0.075
1250
 UPS1C152MHD
2200
12.5×25
0.18
1056
0.057
1550
 UPS1C222MHD
3300
16×25
0.20
1584
0.038
1900
 UPS1C332MHD
4700
16×30.5
0.22
2256
0.033
2350
 UPS1C472MHD
6800
18×35.5
0.26
3264
0.030
2700
 UPS1C682MHD
10000
18×40
0.34
4800
0.027
3300
 UPS1C103MHD
25
(1E)
150
8×11.5
0.14
112.5
0.28
410
 UPS1E151MPD
220
8×11.5
0.14
165
0.28
410
 UPS1E221MPD
330
10×12.5
0.14
247.5
0.19
600
 UPS1E331MPD
470
10×16
0.14
352.5
0.14
800
 UPS1E471MPD
680
10×20
0.14
510
0.11
1000
 UPS1E681MPD
1000
12.5×20
0.14
750
0.075
1250
 UPS1E102MHD
1500
16×25
0.14
1125
0.038
1900
 UPS1E152MHD
2200
16×25
0.16
1650
0.038
1900
 UPS1E222MHD
3300
16×30.5
0.18
2475
0.033
2350
 UPS1E332MHD
4700
18×35.5
0.20
3525
0.030
2700
 UPS1E472MHD
6800
18×40
0.24
5100
0.027
3300
 UPS1E682MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com