Electronic Components Datasheet Search
  English  ▼

X  

UTF2W101MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UTF2W101MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UTF2W101MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UTF2W101MHD Datasheet HTML 1Page - Nichicon corporation UTF2W101MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UTF
Dimensions
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
5 minutes
450
(2W)
100
18×31.5
0.20
1900
925
1160
UTF2W101MHD
120
18×36
0.20
2260
1105
1360
UTF2W121MHD
130
18×40
0.20
2440
1195
1410
UTF2W131MHD
150
18×46
0.20
2800
1375
1670
UTF2W151MHD
170
18×50
0.20
3160
1555
1840
UTF2W171MHD
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com