Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3230 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC3230
Description  Sensor Signal Conditioner IC for Capacitive Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC3230 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 25Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 26Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ZSSC3230 Datasheet
R36DS0062ED0100 1.4
Jun 10, 2025
Page 23
© 2025 Renesas Electronics
6.6.3 EOC and Output Interrupt Signaling
The EOC pin can be programmed to operate either as a
“measurement busy” indicator and end-of-conversion (EOC)
transducer, or as a configurable interrupt transducer. The respective basic operation must be programmed into INT_setup
bits in the memory (bits[8:7] in NVM register 02HEX; see Table 16). One or two 24-bit-quantized thresholds can be
programmed (see the Interrupt Level Setup memory registers: 13HEX, 14HEX and 15HEX). Depending on the INT_setup
selection, the EOC pin provides a logic 1 or logic 0 according to the SSC-corrected measurement result. The respective
thresholds are programmed left-aligned in the memory, such that they must be
programmed with the threshold’s MSB in
the memory register’s MSB, etc. The LSBs of the 24-bit threshold in the memory must be ignored according to the number
of bits of the selected ADC resolution (according to adc_bits).
If only the effective end-of-conversion is signaled (INT_setup = 00BIN), the EOC signal is pulled LOW for the duration of the
configured conversion time. After the conversion is complete, the EOC signal is released and returns to HIGH.
The interrupt functionality is only available for digital values from the SSC-calculation unit. The interrupt feature cannot
monitor any type of raw values. The encoding and data format of the interrupt thresholds is the same as for SSC-corrected
measurement results (see Table 12).
Table 12. Data Format of Interrupt Thresholds (TRSH1 and TRSH2)
Bit-Number:
23
22
21
20
…
2
1
0
Meaning, Weighting:
20
2-1
2-2
2-3
…
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com