Electronic Components Datasheet Search
  English  ▼

X  

TL031CPWLE Datasheet(PDF) 36 Page - Texas Instruments

Part # TL031CPWLE
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031CPWLE Datasheet(HTML) 36 Page - Texas Instruments

Back Button TL031CPWLE Datasheet HTML 32Page - Texas Instruments TL031CPWLE Datasheet HTML 33Page - Texas Instruments TL031CPWLE Datasheet HTML 34Page - Texas Instruments TL031CPWLE Datasheet HTML 35Page - Texas Instruments TL031CPWLE Datasheet HTML 36Page - Texas Instruments TL031CPWLE Datasheet HTML 37Page - Texas Instruments TL031CPWLE Datasheet HTML 38Page - Texas Instruments TL031CPWLE Datasheet HTML 39Page - Texas Instruments TL031CPWLE Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 41
0
0
|VCC
±| – Supply Voltage – V
16
250
2
4
6
8
10
12
14
50
100
150
200
TA = 25°C
TA = 125°C
TA = –55°C
VO = 0
No Load
TL031 and TL031A
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
Figure 42
0
0
|VCC
±| – Supply Voltage – V
16
500
24
6
8
10
12
14
100
200
300
400
TA = 25°C
TA = 125°C
TA = –55°C
VO = 0
No Load
TL032 and TL032A
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
Figure 43
0
0
|VCC
±| – Supply Voltage – V
16
1000
2
4
6
8
10
12
14
200
400
600
800
TA = 25°C
TA = 125°C
TA = –55°C
VO = 0
No Load
TL034 and TL034A
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
Figure 44
–75
0
TA – Free-Air Temperature – °C
125
250
–50
–25
0
25
50
75
100
50
100
150
200
VCC
± = ±15 V
VCC
± = ±5 V
VO = 0
No Load
TL031 and TL031A
SUPPLY CURRENT†
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com