Electronic Components Datasheet Search
  English  ▼

X  

802 Datasheet(PDF) 1 Page - T-Bar®, Division of Olympic Controls Corporation

Part # 802
Description  Dust Tight Toggle Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  T-BAR [T-Bar®, Division of Olympic Controls Corporation]
Direct Link  https://tbarrelay.com/
Logo T-BAR - T-Bar®, Division of Olympic Controls Corporation

802 Datasheet(HTML) 1 Page - T-Bar®, Division of Olympic Controls Corporation

  802 Datasheet HTML 1Page - T-Bar®, Division of Olympic Controls Corporation 802 Datasheet HTML 2Page - T-Bar®, Division of Olympic Controls Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
802/902 Dust Tight Toggle Switches
Single Toggle
T-Bar Multi-Contact Dust Tight Switches are protected against normal ambient dust conditions. Designed for
use in controlled environment such as test areas, computer control rooms, broadcast studios and network
management centers. They are available in switching configurations of 4 to 144 pole double throw, all with
maintained action.
Two types of contacts are available. The 902 series is designed to switch dry circuits to a maximum 1 amp
for use in data. Thermocouple and instrumentations circuits. The 802 series is used for control and indicator
circuits. Terminals are designed to accept T-Bar Connectors.
* Available in 1-144 poles. Double throw, Form C.
* Protected again normal ambient dust conditions.
* Switches more circuits in less space.
* 1 Amp or 5 Amp.
  
 


Similar Part No. - 802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
802 MICROSEMI-802 Datasheet
121Kb / 3P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
logo
Littelfuse
802 LITTELFUSE-802 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
802 UTC-802 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
Toggle Switches
logo
Carling Technologies
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
Toggle Switches
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
Toggle Switches
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
Toggle Switches
7105A ETC2-7105A Datasheet
79Kb / 1P
toggle switches
9103A ETC2-9103A Datasheet
67Kb / 1P
Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
Toggle Switches
54-020 NTE-54-020 Datasheet
5Mb / 21P
Toggle Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com