Electronic Components Datasheet Search
  English  ▼

X  

DT-75-8 Datasheet(PDF) 1 Page - Pro-Signal

Part # DT-75-8
Description  HiFi Dome Tweeter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

DT-75-8 Datasheet(HTML) 1 Page - Pro-Signal

  DT-75-8 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
26/11/12
HiFi Dome Tweeter
Features:
• Soft dome with good reproduction quality
• With ferrofluid
• Suitable for universal HiFi purposes
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Tweeter, Dome, 1", 50W, 8R
DT-75/8
Part Number Table
Specifications:
Transducer Function
: Tweeter
Power Rating
: 50W RMS
Impedance
: 8Ω
Resonant Frequency
: 2kHz
Frequency Response Range
: 2kHz to 20kHz
Rec. Crossover Frequency
: (12dB) 3kHz
External Height
: 93mm
External Width
: 69mm
External Depth
: 28mm
Magnet Diameter
: 60mm
Mounting cutout
: 70mm × 62mm
Magnet Weight
: 5oz
Power Max.
: 50W
Sound Level Distance
: 1m
Sound Level SPL
: 90dB
Weight
: 0.4kg


Similar Part No. - DT-75-8

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
DT-7006 BOTHHAND-DT-7006 Datasheet
372Kb / 1P
ISDN SPLITTER
DT-7010A BOTHHAND-DT-7010A Datasheet
310Kb / 1P
ISDN SPLITTER
logo
List of Unclassifed Man...
DT-7401-1 ETC-DT-7401-1 Datasheet
46Kb / 1P
DATA & CLOCK TRANSMISSION
DT-7401-3 ETC-DT-7401-3 Datasheet
46Kb / 1P
DATA & CLOCK TRANSMISSION
DT-7401-7 ETC-DT-7401-7 Datasheet
46Kb / 1P
DATA & CLOCK TRANSMISSION
More results

Similar Description - DT-75-8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3969K PANASONIC-AN3969K Datasheet
83Kb / 9P
Electronic volume IC for HiFi VCR
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
Dome-Lens Type
logo
NXP Semiconductors
TDA9860 PHILIPS-TDA9860 Datasheet
124Kb / 18P
Universal HiFi audio processor for TV
July 1994
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
Universal HiFi audio processor for TV
June 1994
logo
List of Unclassifed Man...
CM-99115 ETC1-CM-99115 Datasheet
126Kb / 3P
Professional to HiFi Level Reduction Transformer
logo
Raltron Electronics Cor...
RDT-14860 RALTRON-RDT-14860 Datasheet
532Kb / 5P
DOME ANTENNA
logo
ON Semiconductor
FSA2275 ONSEMI-FSA2275 Datasheet
453Kb / 11P
DPDT HiFi Audio Switch w/Negative Swing
August 2016 Rev. 1.7
FSA2276 ONSEMI-FSA2276 Datasheet
456Kb / 11P
DPDT HiFi Audio Switch w/ Negative Swing
June 2016 Rev. 1.0
logo
List of Unclassifed Man...
DA32TX00-08 ETC1-DA32TX00-08 Datasheet
1Mb / 1P
DA tweeter, 1.25 inch, corundum dome, ferrite motor, steel faceplate, 8 ohm, heat sink
53-1221 ETC-53-1221 Datasheet
34Kb / 2P
1.75“Titainium Dome Compression Tweeter Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com