Electronic Components Datasheet Search
  English  ▼

X  

ELC Datasheet(PDF) 1 Page - Multicomp Pro

Part # ELC
Description  Dichroic Reflector GX5.3 Base Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ELC Datasheet(HTML) 1 Page - Multicomp Pro

  ELC Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
06/06/12
Dichroic Reflector
GX5.3 Base Lamp
Specifications:
Supply Voltage
: 21V
Lamp Base Type
: GX5.3
Power Rating
: 150W
Length
: 44.5mm
Average Bulb Life
: 200h
Dimensions : Millimetres
Description
Volts
(V)
Watts
MOD
(mm)
MOL
(mm) Filament
Color
Temperature
(°K)
Avg. Life
(Hours)
Part Number
Dichroic Reflector,
GX5.3 Base Lamp
20
150
50.5
47
CC-6
3,150
500
DDL
21
150
50.7
3,350
40
EJA
21
150
50.5
44.5
3,250
200
EKE
24
250
50.7
3,400
50
ELC
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table


Similar Part No. - ELC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
ELC OSRAM-ELC Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
Adoption of High -m and High Bm ferrite cores
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
Choke Coils
ELC-09D180DF PANASONIC-ELC-09D180DF Datasheet
136Kb / 7P
Examples Type 06D
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
Choke Coils
More results

Similar Description - ELC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
logo
Gilway Technical Lamp
1150-3 GILWAY-1150-3 Datasheet
157Kb / 2P
MR3 Reflector Lamp Assemblies
L518 GILWAY-L518 Datasheet
111Kb / 2P
MR11 Halogen Lamps with Dichroic Reflectors
155-1595 GILWAY-155-1595 Datasheet
79Kb / 1P
L6420 12V, 75W HALOGEN LAMP WITH FOCUSED ELLIPSOIDAL DICHROIC REFLECTOR.
MR3-4115 GILWAY-MR3-4115 Datasheet
154Kb / 2P
MR3 Reflector Lamp Assemblies
logo
List of Unclassifed Man...
S4520 ETC1-S4520 Datasheet
479Kb / 8P
30-VOLT DICHROIC LCD DRIVER
logo
Chicago Miniature Lamp,...
MR-16 CML-MR-16 Datasheet
220Kb / 1P
Low Voltage Halogen Lamp with Reflector
logo
Fairchild Semiconductor
QTLP680C-23 FAIRCHILD-QTLP680C-23 Datasheet
128Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
logo
Glenair, Inc.
311AS019XM GLENAIR-311AS019XM Datasheet
309Kb / 2P
Composite Lamp Base Thread
logo
Elite Enterprises (H.K....
PG1N-MY57 ELITE-PG1N-MY57 Datasheet
331Kb / 3P
Mining Lamp Reflector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com