Electronic Components Datasheet Search
  English  ▼

X  

SN74ABT16640 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74ABT16640
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ABT16640 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74ABT16640 Datasheet HTML 9Page - Texas Instruments SN74ABT16640 Datasheet HTML 10Page - Texas Instruments SN74ABT16640 Datasheet HTML 11Page - Texas Instruments SN74ABT16640 Datasheet HTML 12Page - Texas Instruments SN74ABT16640 Datasheet HTML 13Page - Texas Instruments SN74ABT16640 Datasheet HTML 14Page - Texas Instruments SN74ABT16640 Datasheet HTML 15Page - Texas Instruments SN74ABT16640 Datasheet HTML 16Page - Texas Instruments SN74ABT16640 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(7.5)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
48X (1.5)
48X (0.3)
46X (0.5)
(R0.05)
TYP
4214859/B 11/2020
TSSOP - 1.2 mm max height
DGG0048A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
24
25
48
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com