Electronic Components Datasheet Search
  English  ▼

X  

SN54ABT8543 Datasheet(PDF) 23 Page - Texas Instruments

Part # SN54ABT8543
Description  SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54ABT8543 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN54ABT8543 Datasheet HTML 19Page - Texas Instruments SN54ABT8543 Datasheet HTML 20Page - Texas Instruments SN54ABT8543 Datasheet HTML 21Page - Texas Instruments SN54ABT8543 Datasheet HTML 22Page - Texas Instruments SN54ABT8543 Datasheet HTML 23Page - Texas Instruments SN54ABT8543 Datasheet HTML 24Page - Texas Instruments SN54ABT8543 Datasheet HTML 25Page - Texas Instruments SN54ABT8543 Datasheet HTML 26Page - Texas Instruments SN54ABT8543 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SN54ABT8543, SN74ABT8543
SCAN TEST DEVICES WITH
OCTAL REGISTERED BUS TRANSCEIVERS
SCBS120E – AUGUST 1991 – REVISED JULY 1996
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (test mode) (see Figure 13)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT8543
SN74ABT8543
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
TCK
50
90
50
50
MHz
tPLH
TCK
↓
AorB
3.5
8
9.5
3.5
12.7
3.5
12
ns
tPHL
TCK
↓
A or B
3
7.7
9
3
12
3
11.5
ns
tPLH
TCK
↓
TDO
2.5
4.3
5.5
2.5
7
2.5
6.5
ns
tPHL
TCK
↓
TDO
2.5
4.2
5.5
2.5
7
2.5
6.5
ns
tPZH
TCK
↓
AorB
4.5
8.2
9.5
4.5
12.5
4.5
12
ns
tPZL
TCK
↓
A or B
4.5
9
10.5
4.1
13.5
4.5
13
ns
tPZH
TCK
↓
TDO
2.5
4.3
5.5
2.5
7
2.5
6.5
ns
tPZL
TCK
↓
TDO
2.5
4.9
6
2.5
7.5
2.5
7
ns
tPHZ
TCK
↓
AorB
3.5
8.4
10.5
3.5
14
3.5
13.5
ns
tPLZ
TCK
↓
A or B
3
8
10.5
3
13.5
3
13
ns
tPHZ
TCK
↓
TDO
3
5.9
7
3
9
3
8.5
ns
tPLZ
TCK
↓
TDO
3
5
6.5
3
8
3
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com